công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP8005 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MP8005 Datasheet

  • # Example questions: ➢ How does the mounting method (metal chassis versus p.c. board) affect the maximum average forward rectified output current?
    ➢ What is the operating temperature range for all the listed mp8 series bridge rectifiers?
    ➢ What is the maximum forward current that the mp802 bridge rectifier can handle?

  • Part No.MP8005
    ManufacturerCHENG-YI
    Size125 Kbytes
    Pages2 pages
    DescriptionSINGLE-PHASE SILICON BRIDGE
    Datasheet Summary with AI

    # MP8 SERIES - Single-Phase Silicon Bridge

    ## General Description

    ️· Cheng-Yi Electronic MP8 Series silicon bridge rectifiers
    ️· Features: Surge overload rating (125A), low forward voltage drop, silver-plated copper leads, any mounting position.
    ️· Molded plastic case with heatsink internally mounted.

    ## Electrical Characteristics

    ️· Reverse Voltage: 50 - 1000 Volts
    ️· Forward Current: 8.0 Amperes
    ️· Ratings based on 25°C ambient temperature; derate current by 20% for capacitive loads.
    ️· DC Blocking Voltage per Element: Up to 1000V
    ️· Operating Temperature Range: -55°C to +125°C
    ️· Storage Temperature Range: -55°C to +150°C
    ️· Peak Forward Surge Current: 125 Amperes (8.3ms single half-sine wave)
    ️· Maximum Forward Voltage Drop: 1.1V at 3.0A peak
    ️· Maximum Reverse Current: 10.0 mA at 25°C

    ## Model Variations

    Model Max. Recurrent Peak Reverse Voltage Max. RMS Bridge Input Voltage Average Forward Rectified Current
    MP8005 50 V 35 V 8.0 A
    MP801 100 V 70 V 8.0 A
    MP802 200 V 140 V 8.0 A
    MP804 400 V 280 V 8.0 A
    MP806 600 V 420 V 8.0 A
    MP808 800 V 560 V 8.0 A
    MP810 1000 V 700 V 8.0 A

    ## Mounting and Heat Dissipation

    ️· Unit can be mounted on a metal chassis or a P.C. Board.
    ️· Derating curve provided for heat sink mounting.

    ## Notes

    # MP8 SERIES - Single-Phase Silicon Bridge

    ## General Description

    ️· Cheng-Yi Electronic MP8 Series silicon bridge rectifiers
    ️· Features: Surge overload rating (125A), low forward voltage drop, silver-plated copper leads, any mounting position.
    ️· Molded plastic case with heatsink internally mounted.

    ## Electrical Characteristics

    ️· Reverse Voltage: 50 - 1000 Volts
    ️· Forward Current: 8.0 Amperes
    ️· Ratings based on 25°C ambient temperature; derate current by 20% for capacitive loads.
    ️· DC Blocking Voltage per Element: Up to 1000V
    ️· Operating Temperature Range: -55°C to +125°C
    ️· Storage Temperature Range: -55°C to +150°C
    ️· Peak Forward Surge Current: 125 Amperes (8.3ms single half-sine wave)
    ️· Maximum Forward Voltage Drop: 1.1V at 3.0A peak
    ️· Maximum Reverse Current: 10.0 mA at 25°C

    ## Model Variations

    Model Max. Recurrent Peak Reverse Voltage Max. RMS Bridge Input Voltage Average Forward Rectified Current
    MP8005 50 V 35 V 8.0 A
    MP801 100 V 70 V 8.0 A
    MP802 200 V 140 V 8.0 A
    MP804 400 V 280 V 8.0 A
    MP806 600 V 420 V 8.0 A
    MP808 800 V 560 V 8.0 A
    MP810 1000 V 700 V 8.0 A

    ## Mounting and Heat Dissipation

    ️· Unit can be mounted on a metal chassis or a P.C. Board.
    ️· Derating curve provided for heat sink mounting.

    ## Notes

    Part No.MP8005
    ManufacturerCHENG-YI
    Size125 Kbytes
    Pages2 pages
    DescriptionSINGLE-PHASE SILICON BRIDGE