# LP4040R Series: Metal Dust Core Power Inductors## General Description ️· Type: Commercial, Low Profile, Surface Mount Power Inductors
️· Series: LP4040R
️· Core Material: Metal Dust Core
️· Website: www.delevan.com
️· Email: apisales@delevan.com
️· Contact: Phone: 716-652-3600, Fax: 716-652-4814
## SpecificationsAvailable Variants
| Series |
Inductance (mH) |
DC Resistance (Max. mOhms) |
Current Rating (A DC) |
| -R36M |
0.36 |
1.20 |
30.0 |
| -R45M |
0.45 |
1.50 |
29.0 |
| -R56M |
0.56 |
1.80 |
25.0 |
| -R88M |
0.88 |
1.20 |
20.0 |
| -1R0M |
1.0 |
3.30 |
18.0 |
| -1R5M |
1.5 |
4.20 |
16.0 |
Physical Dimensions (Inches / Millimeters) ️· A: 0.453 / 11.5 (Max.)
️· B: 0.406 / 10.3 (Max.)
️· C: 0.157 / 4.0 (Max.)
️· D: 0.098 - 4.0 / 2.5 - 3.5
️· E: 0.075 - 2.5 / 1.9 - 2.5
️· F: 0.283 / 7.2 (Reference Only)
Dimensions "A" and "C" are measured over terminals.
Operating Conditions ️· Operating Temperature Range: -20°C to +125°C
️· Current Rating: Based on a 40°C rise at 25°C ambient
️· Inductance Measurement: 0.25VAC with no DC current
️· Application Frequency Range: To 1.0 MHz
Incremental Current ️· The current at which inductance decreases by a maximum of 20% from its initial 0 DC value.
Packaging ️· Tape & Reel: 13" reel, 500 pieces max.