công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MA4AGSW3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA4AGSW3 Datasheet

  • # Example questions: ➢ What is the typical package for the ma4agsw3 part number?
    ➢ What is the recommended minimum voltage to apply to the dc return path (j1) to achieve optimal performance, and what is the purpose of this voltage?
    ➢ What dc current levels are required for the low loss state and the isolated ports of the ma4agsw3 switch?

  • Part No.MA4AGSW3
    ManufacturerMA-COM
    Size159 Kbytes
    Pages7 pages
    DescriptionSP3T AlGaAs PIN Diode Switch
    Datasheet Summary with AI

    MA4AGSW3: 3-Port AlGaAs PIN Diode Switch

    ️· Function: A 3-port switch designed for high-frequency applications (up to 18 GHz).
    ️· Package: Available in a waffle pack format (chip).
    ️· Operation: Requires DC bias: -10mA on one port, +10mA on the others for switching. A voltage pull-up resistor in the return path is recommended for optimal performance.
    ️· Key Features:
    - Wideband performance
    - Small size
    - Relatively low insertion loss
    ️· Important Note: Requires careful DC biasing and a suitable driver circuit. Refer to the datasheet for detailed specifications and application guidelines.



    For the shortest answer, just use: "MA4AGSW3 is a 3-port PIN diode switch for high-frequency applications."

    MA4AGSW3: 3-Port AlGaAs PIN Diode Switch

    ️· Function: A 3-port switch designed for high-frequency applications (up to 18 GHz).
    ️· Package: Available in a waffle pack format (chip).
    ️· Operation: Requires DC bias: -10mA on one port, +10mA on the others for switching. A voltage pull-up resistor in the return path is recommended for optimal performance.
    ️· Key Features:
    - Wideband performance
    - Small size
    - Relatively low insertion loss
    ️· Important Note: Requires careful DC biasing and a suitable driver circuit. Refer to the datasheet for detailed specifications and application guidelines.



    For the shortest answer, just use: "MA4AGSW3 is a 3-port PIN diode switch for high-frequency applications."

    Part No.MA4AGSW3
    ManufacturerMA-COM
    Size159 Kbytes
    Pages7 pages
    DescriptionSP3T AlGaAs PIN Diode Switch