công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

121-100-1-1-10BKSH Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 121-100-1-1-10BKSH Datasheet

  • # Example questions: ➢ What is the maximum length available for tubing made of ptfe material?
    ➢ How does the 'basic no.' designation within the product code relate to the wall thickness of the tubing?
    ➢ Which shield materials are offered, and what do the abbreviations 'n', 's', and 't' represent?

  • Part No.121-100-1-1-10BKSH
    ManufacturerGLENAIR
    Size39 Kbytes
    Pages1 page
    DescriptionHelical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
    Datasheet Summary with AI

    # Series 74 Helical Convoluted Tubing (MIL-T-81914)

    ## Product Overview
    · Material Options: PFA, FEP, PTFE, Tefzel® (ETFE), or PEEK
    · Part Number Format: 121-100-1-1-16 B E T H (Basic No. - Class - Convolution - Dash No. - Color)

    ## Features & Options
    · Wall Thickness: Standard or Thin Wall
    · Convolution: Standard or Close
    · Color: Black (B) or Natural (C)
    · Jacket Materials: EPDM, Neoprene, Hypalon, Viton
    · Shield Options: Stainless Steel, Nickel/Copper, SnCuFe, Tin/Copper
    · Metric Dimensions: Provided in parentheses (mm)

    ## Dimensions (Table I)
    · Dash No. sizes range from 06 to 64.
    · Inside Diameter (A) ranges from .181 to 2.502 inches
    · Minimum Bend Radius varies from 0.50 to 4.25 inches depending on size

    ## Special Considerations

    · Consult factory for:
    - Thin-wall, close convolution combinations
    - PTFE maximum lengths
    - PEEK minimum/maximum dimensions

    # Series 74 Helical Convoluted Tubing (MIL-T-81914)

    ## Product Overview
    · Material Options: PFA, FEP, PTFE, Tefzel® (ETFE), or PEEK
    · Part Number Format: 121-100-1-1-16 B E T H (Basic No. - Class - Convolution - Dash No. - Color)

    ## Features & Options
    · Wall Thickness: Standard or Thin Wall
    · Convolution: Standard or Close
    · Color: Black (B) or Natural (C)
    · Jacket Materials: EPDM, Neoprene, Hypalon, Viton
    · Shield Options: Stainless Steel, Nickel/Copper, SnCuFe, Tin/Copper
    · Metric Dimensions: Provided in parentheses (mm)

    ## Dimensions (Table I)
    · Dash No. sizes range from 06 to 64.
    · Inside Diameter (A) ranges from .181 to 2.502 inches
    · Minimum Bend Radius varies from 0.50 to 4.25 inches depending on size

    ## Special Considerations
    · Consult factory for:
    - Thin-wall, close convolution combinations
    - PTFE maximum lengths
    - PEEK minimum/maximum dimensions

    Part No.121-100-1-1-10BKSH
    ManufacturerGLENAIR
    Size39 Kbytes
    Pages1 page
    DescriptionHelical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK