| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 121-100-1-1-09BKSE Datasheet
# Example questions:
➢ What is the maximum length available for tubing made of ptfe material?
➢ How does the 'basic no.' designation within the product code relate to the wall thickness of the tubing?
➢ Which shield materials are offered, and what do the abbreviations 'n', 's', and 't' represent?
# Series 74 Helical Convoluted Tubing (MIL-T-81914)
## Product Overview
· Material Options: PFA, FEP, PTFE, Tefzel® (ETFE), or PEEK
· Part Number Format: 121-100-1-1-16 B E T H (Basic No. - Class - Convolution - Dash No. - Color)
## Features & Options
· Wall Thickness: Standard or Thin Wall
· Convolution: Standard or Close
· Color: Black (B) or Natural (C)
· Jacket Materials: EPDM, Neoprene, Hypalon, Viton
· Shield Options: Stainless Steel, Nickel/Copper, SnCuFe, Tin/Copper
· Metric Dimensions: Provided in parentheses (mm)
## Dimensions (Table I)
· Dash No. sizes range from 06 to 64.
· Inside Diameter (A) ranges from .181 to 2.502 inches
· Minimum Bend Radius varies from 0.50 to 4.25 inches depending on size
## Special Considerations
· Consult factory for:
- Thin-wall, close convolution combinations
- PTFE maximum lengths
- PEEK minimum/maximum dimensions
# Series 74 Helical Convoluted Tubing (MIL-T-81914)
## Product Overview
· Material Options: PFA, FEP, PTFE, Tefzel® (ETFE), or PEEK
· Part Number Format: 121-100-1-1-16 B E T H (Basic No. - Class - Convolution - Dash No. - Color)
## Features & Options
· Wall Thickness: Standard or Thin Wall
· Convolution: Standard or Close
· Color: Black (B) or Natural (C)
· Jacket Materials: EPDM, Neoprene, Hypalon, Viton
· Shield Options: Stainless Steel, Nickel/Copper, SnCuFe, Tin/Copper
· Metric Dimensions: Provided in parentheses (mm)
## Dimensions (Table I)
· Dash No. sizes range from 06 to 64.
· Inside Diameter (A) ranges from .181 to 2.502 inches
· Minimum Bend Radius varies from 0.50 to 4.25 inches depending on size
## Special Considerations
· Consult factory for:
- Thin-wall, close convolution combinations
- PTFE maximum lengths
- PEEK minimum/maximum dimensions
| Part No. | 121-100-1-1-09BKSE |
| Manufacturer | GLENAIR |
| Size | 39 Kbytes |
| Pages | 1 page |
| Description | Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK |