công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4LPW Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 4LPW Datasheet

  • # Example questions: ➢ What is the maximum current that the 4lpw-10 resistor can handle?
    ➢ What are the available tolerance options when ordering a 4lpw resistor, and what do they represent?
    ➢ How does the ambient temperature affect the power derating of the 4lpw series resistors?

  • Part No.4LPW
    ManufacturerIRCTT
    Size343 Kbytes
    Pages2 pages
    DescriptionFour-Terminal Current-Sensing Wirewound Resistor
    Datasheet Summary with AI

    # 4LPW Series - Four-Terminal Current-Sensing Wirewound Resistor

    ## Electrical Data

    ️· Power Range: 3W to 15W
    ️· Resistance Range:
    - 4LPW-3: 0.005 ohm to 1.0 ohm
    - 4LPW-5 & 4LPW-7: 0.005 ohm to 1.0 ohm
    - 4LPW-10 & 4LPW-15: 0.01 ohm to 1.0 ohm
    ️· Maximum Current: 10 amps to 20 amps (dependent on power rating)
    ️· Tolerance: ±1% (F), ±2% (G), ±3% (H), ±5% (J), ±10% (K)
    ️· Alternate Configuration: Add "A" to part number (e.g., 4LPW-3A)

    ## Dimensions (inches/mm)

    | IRC Type | L ±.063 (1.6) | W ±.03 (.8) | H ±.03 (.8) | S ±.062 (1.6) | D (Diameter) | E ±.03 (.8) |
    |---|---|---|---|---|---|---|
    | 4LPW-3 | .88 (22.4) | .31 (7.87) | .31 (7.87) | .563 (14.3) | .036* (.9) | .38 (9.65) |
    | 4LPW-5 | .88 (22.4) | .38 (9.65) | .35 (8.89) | .563 (14.3) | .036* (.9) | .41 (10.4) |
    | 4LPW-7 | 1.39 (35.3) | .38 (9.65) | .35 (8.89) | 1.013 (25.7) | .036* (.9) | .47 (11.9) |

    | 4LPW-10 | 1.88 (47.8) | .38 (9.65) | .35 (8.89) | 1.388 (35.3) | .036* (.9) | .47 (11.9) |
    | 4LPW-15 | 1.88 (47.8) | .50 (12.7) | .50 (12.7) | 1.388 (35.3) | .036* (.9) | .63 (16.0) |

    ## Ordering Data

    ️· IRC Type: 4LPW
    ️· Power: Specified by number (e.g., 3 for 3W)
    ️· Resistance Range: Expressed in ohms (standard EIA/MIL values)
    ️· Tolerance: F, G, H, J, or K

    ## Temperature and Power Derating

    ️· Max. Recommended Ambient Operating Temperature: 150°C
    ️· Temperature Rise and Power Derating Charts included.

    ## General Notes

    ️· IRC reserves right to change specifications without notice.
    ️· Data considered accurate at time of print.

    # 4LPW Series - Four-Terminal Current-Sensing Wirewound Resistor

    ## Electrical Data

    ️· Power Range: 3W to 15W
    ️· Resistance Range:
    - 4LPW-3: 0.005 ohm to 1.0 ohm
    - 4LPW-5 & 4LPW-7: 0.005 ohm to 1.0 ohm
    - 4LPW-10 & 4LPW-15: 0.01 ohm to 1.0 ohm
    ️· Maximum Current: 10 amps to 20 amps (dependent on power rating)
    ️· Tolerance: ±1% (F), ±2% (G), ±3% (H), ±5% (J), ±10% (K)
    ️· Alternate Configuration: Add "A" to part number (e.g., 4LPW-3A)

    ## Dimensions (inches/mm)

    IRC Type L ±.063 (1.6) W ±.03 (.8) H ±.03 (.8) S ±.062 (1.6) D (Diameter) E ±.03 (.8)
    4LPW-3 .88 (22.4) .31 (7.87) .31 (7.87) .563 (14.3) .036* (.9) .38 (9.65)
    4LPW-5 .88 (22.4) .38 (9.65) .35 (8.89) .563 (14.3) .036* (.9) .41 (10.4)
    4LPW-7 1.39 (35.3) .38 (9.65) .35 (8.89) 1.013 (25.7) .036* (.9) .47 (11.9)
    4LPW-10 1.88 (47.8) .38 (9.65) .35 (8.89) 1.388 (35.3) .036* (.9) .47 (11.9)
    4LPW-15 1.88 (47.8) .50 (12.7) .50 (12.7) 1.388 (35.3) .036* (.9) .63 (16.0)

    ## Ordering Data

    ️· IRC Type: 4LPW
    ️· Power: Specified by number (e.g., 3 for 3W)
    ️· Resistance Range: Expressed in ohms (standard EIA/MIL values)
    ️· Tolerance: F, G, H, J, or K

    ## Temperature and Power Derating

    ️· Max. Recommended Ambient Operating Temperature: 150°C
    ️· Temperature Rise and Power Derating Charts included.

    ## General Notes

    ️· IRC reserves right to change specifications without notice.
    ️· Data considered accurate at time of print.

    Part No.4LPW
    ManufacturerIRCTT
    Size343 Kbytes
    Pages2 pages
    DescriptionFour-Terminal Current-Sensing Wirewound Resistor