công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.412R7C
MfrMURATA
Size114 Kbytes
Pages2 pages
DescriptionToroidal Surface Mount Inductors
Datasheet SummaryAI
# 4100 Series Toroidal Surface Mount Inductors

## Features

️· RoHS compliant
️· Inductance range: 2.7μH to 330μH
️· Surface mount, J-STD-020C reflow compatible
️· Maximum DC current up to 8.10A
️· UL94 V-0 package materials
️· Compact size, toroidal construction minimizes EMI
️· Pick & place compatible
️· Backward compatible with Sn/Pb soldering systems

## Description

️· Designed for switching power supplies and DC/DC converters.
️· Low profile, compact components for surface mount applications.
️· See [www.murata-ps.com/rohs](www.murata-ps.com/rohs) for details

## Selection Guide

Order Code Inductance (μH) Inductance Range (μH) DC Current (A) DC Resistance (mΩ)
412R7C 2.7 2.1 - 3.5 8.1 14
414R7C 4.7 3.3 - 5.4 6.7 18
416R8C 6.8 4.7 - 7.8 5.7 20
41100C 10 7.3 - 12.2 4.7 24
41150C 15 10.6 - 17.6 4.0 28
41220C 22 15.8 - 26.3 3.3 33
41330C 33 23.8 - 39.6 2.7 38
41470C 47 35.5 - 59.2 2.2 62
41680C 68 52.2 - 87.0 1.75 110
41101C 100 75.2 - 125 1.47 158
41151C 150 114 - 189 1.16 247
41221C 220 164 - 274 1.03 377
41331C 330 247 - 412 0.83 462

## Absolute Maximum Ratings

️· Operating temperature: -40°C to 85°C
️· Storage temperature: -40°C to 125°C

## Soldering Information

️· Peak reflow temperature: 245°C
️· Pin finish: Pure tin dip

*For full technical specifications, please visit [www.murata-ps.com](www.murata-ps.com)*
412R7C Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about 412R7C Datasheet.
    Example questions: ➤ How does the maximum dc current change as the inductance value increases, according to the provided specifications?➤ What is the recommended peak reflow temperature for soldering these surface mount inductors?➤ What is the dc resistance range for the available inductors in the 4100 series?
  • Datasheet Details
    Part No.412R7C
    ManufacturerMURATA
    Size114 Kbytes
    Pages2 pages
    DescriptionToroidal Surface Mount Inductors
    Datasheet Summary AI Expand summary
    # 4100 Series Toroidal Surface Mount Inductors

    ## Features

    ️· RoHS compliant
    ️· Inductance range: 2.7μH to 330μH
    ️· Surface mount, J-STD-020C reflow compatible
    ️· Maximum DC current up to 8.10A
    ️· UL94 V-0 package materials
    ️· Compact size, toroidal construction minimizes EMI
    ️· Pick & place compatible
    ️· Backward compatible with Sn/Pb soldering systems

    ## Description

    ️· Designed for switching power supplies and DC/DC converters.
    ️· Low profile, compact components for surface mount applications.
    ️· See [www.murata-ps.com/rohs](www.murata-ps.com/rohs) for details

    ## Selection Guide

    Order Code Inductance (μH) Inductance Range (μH) DC Current (A) DC Resistance (mΩ)
    412R7C 2.7 2.1 - 3.5 8.1 14
    414R7C 4.7 3.3 - 5.4 6.7 18
    416R8C 6.8 4.7 - 7.8 5.7 20
    41100C 10 7.3 - 12.2 4.7 24
    41150C 15 10.6 - 17.6 4.0 28
    41220C 22 15.8 - 26.3 3.3 33
    41330C 33 23.8 - 39.6 2.7 38
    41470C 47 35.5 - 59.2 2.2 62
    41680C 68 52.2 - 87.0 1.75 110
    41101C 100 75.2 - 125 1.47 158
    41151C 150 114 - 189 1.16 247
    41221C 220 164 - 274 1.03 377
    41331C 330 247 - 412 0.83 462

    ## Absolute Maximum Ratings

    ️· Operating temperature: -40°C to 85°C
    ️· Storage temperature: -40°C to 125°C

    ## Soldering Information

    ️· Peak reflow temperature: 245°C
    ️· Pin finish: Pure tin dip

    *For full technical specifications, please visit [www.murata-ps.com](www.murata-ps.com)*