công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DR366-2-153 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR366-2-153 Datasheet

  • # Example questions: ➢ What is the maximum height of the dr366-2 series inductors?
    ➢ How does the inductance tolerance vary between the dr366-2-222 to dr366-2-682 series and the dr366-2-103 to dr366-2-155 series?
    ➢ What changes need to be made to the part number if a non-rohs compliant version is required?

  • Part No.DR366-2-153
    ManufacturerDATATRONICS
    Size110 Kbytes
    Pages2 pages
    DescriptionRadial Leaded Shielded Inductors
    Datasheet Summary with AI

    DR366-2 Series Radial Leaded Shielded Inductors

    Features
    � Height: 9.8mm Max
    � Inductance Range: 2.2µH – 1.5mH
    � Non-RoHS Versions are Available (replace "DR" prefix with "42-")
    � Meets UL 94V-0

    Electrical Specifications
    ️· Operating Temperature: -20°C to +80°C
    ️· Inductance: 2.2µH to 1500µH
    ️· Q Min: 10 – 30 (dependent on inductance)
    ️· Self-Resonant Frequency (SRF): 252kHz – 7.96MHz (dependent on inductance)
    ️· DC Resistance (DCR): 0.011 Ω - 2.2 Ω
    ️· Rated Current (I sat): 0.18A – 5.50A (current level for 20% inductance drop)
    ️· Rated Current (I rms): 0.21A – 4.00A (current level for 25°C temperature rise)

    Notes
    ️· Tolerance for inductance values DR366-2-222 to DR366-2-682 is ±20%.
    ️· Inductance tolerance for values DR366-2-103 to DR366-2-155 is ±10%.

    ️· Terminal finish is compliant with RoHS requirements.

    Mechanical Outline
    ️· Overall Height: 9.80 mm
    ️· Radial Lead Length: 5.00 mm



    Contact Information
    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585, Tel: 951-928-7700, Toll Free Tel: 888-889-5391, Fax: 951-928-7701, Email: ddisales@datatronics.com
    ️· Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290

    DR366-2 Series Radial Leaded Shielded Inductors

    Features
    � Height: 9.8mm Max
    � Inductance Range: 2.2µH – 1.5mH
    � Non-RoHS Versions are Available (replace "DR" prefix with "42-")
    � Meets UL 94V-0

    Electrical Specifications
    ️· Operating Temperature: -20°C to +80°C
    ️· Inductance: 2.2µH to 1500µH
    ️· Q Min: 10 – 30 (dependent on inductance)
    ️· Self-Resonant Frequency (SRF): 252kHz – 7.96MHz (dependent on inductance)
    ️· DC Resistance (DCR): 0.011 Ω - 2.2 Ω
    ️· Rated Current (I sat): 0.18A – 5.50A (current level for 20% inductance drop)
    ️· Rated Current (I rms): 0.21A – 4.00A (current level for 25°C temperature rise)

    Notes
    ️· Tolerance for inductance values DR366-2-222 to DR366-2-682 is ±20%.
    ️· Inductance tolerance for values DR366-2-103 to DR366-2-155 is ±10%.
    ️· Terminal finish is compliant with RoHS requirements.

    Mechanical Outline
    ️· Overall Height: 9.80 mm
    ️· Radial Lead Length: 5.00 mm



    Contact Information
    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585, Tel: 951-928-7700, Toll Free Tel: 888-889-5391, Fax: 951-928-7701, Email: ddisales@datatronics.com
    ️· Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290

    Part No.DR366-2-153
    ManufacturerDATATRONICS
    Size110 Kbytes
    Pages2 pages
    DescriptionRadial Leaded Shielded Inductors