công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DR366-1-152 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR366-1-152 Datasheet

  • # Example questions: ➢ How does the inductance tolerance vary between the dr366-1-102 to dr366-1-682 and dr366-1-103 to dr366-1-155 part numbers?
    ➢ What is the process for ordering a non-rohs compliant version of a dr366-1 series inductor?
    ➢ What is the maximum height of the dr366-1 series inductors?

  • Part No.DR366-1-152
    ManufacturerDATATRONICS
    Size111 Kbytes
    Pages2 pages
    DescriptionRadial Leaded Shielded Inductors
    Datasheet Summary with AI

    # DR366-1 Series Radial Leaded Shielded Inductors

    ## Features
    � Height: 9.8mm Max
    � Inductance Range: 1µH – 1.5mH
    � RoHS Compliance: Non-RoHS versions available (replace "DR" prefix with "42-"). Terminal finish is compliant with RoHS requirements.
    � UL Rating: Meets UL 94V-0

    ## Electrical Specifications
    ️· Operating Temperature: -20°C to +80°C
    ️· Q Min.: 10-20 (varies by part number, see table)
    ️· Q Test Frequency: Ranges from 796kHz to 7.96MHz (varies by part number)
    ️· SRF (MHz): Ranges from 5.0 to 796 (varies by part number)
    ️· DCR (Ω): Maximum value varies by part number (see table)
    ️· Rated Current (A) - Max. Isat: Maximum current for 20% inductance drop (see table)
    ️· Rated Current (A) - Max. Irms: Maximum current for 25°C temperature rise (see table)
    *See Electrical Specifications Table above for full part-specific data*

    ## Notes
    1. All dimensions are in inches/mm.

    2. Tolerance: .012/0.3
    3. Inductance tolerance: ±20% for DR366-1-102 to DR366-1-682; ±10% for DR366-1-103 to DR366-1-155.
    4. *Isat* is the current level when the inductance drops 20% from its initial value.
    5. *Irms* is the current level when the part reaches a temperature rise of 25°C.

    ## Mechanical Outline
    *See mechanical outline graphic in datasheet*



    DATATRONIC Contact Information
    *Address & Contact Details provided in the datasheet.*

    # DR366-1 Series Radial Leaded Shielded Inductors

    ## Features
    � Height: 9.8mm Max
    � Inductance Range: 1µH – 1.5mH
    � RoHS Compliance: Non-RoHS versions available (replace "DR" prefix with "42-"). Terminal finish is compliant with RoHS requirements.
    � UL Rating: Meets UL 94V-0

    ## Electrical Specifications
    ️· Operating Temperature: -20°C to +80°C
    ️· Q Min.: 10-20 (varies by part number, see table)
    ️· Q Test Frequency: Ranges from 796kHz to 7.96MHz (varies by part number)
    ️· SRF (MHz): Ranges from 5.0 to 796 (varies by part number)
    ️· DCR (Ω): Maximum value varies by part number (see table)
    ️· Rated Current (A) - Max. Isat: Maximum current for 20% inductance drop (see table)
    ️· Rated Current (A) - Max. Irms: Maximum current for 25°C temperature rise (see table)
    *See Electrical Specifications Table above for full part-specific data*

    ## Notes
    1. All dimensions are in inches/mm.
    2. Tolerance: .012/0.3
    3. Inductance tolerance: ±20% for DR366-1-102 to DR366-1-682; ±10% for DR366-1-103 to DR366-1-155.
    4. *Isat* is the current level when the inductance drops 20% from its initial value.
    5. *Irms* is the current level when the part reaches a temperature rise of 25°C.

    ## Mechanical Outline
    *See mechanical outline graphic in datasheet*



    DATATRONIC Contact Information
    *Address & Contact Details provided in the datasheet.*

    Part No.DR366-1-152
    ManufacturerDATATRONICS
    Size111 Kbytes
    Pages2 pages
    DescriptionRadial Leaded Shielded Inductors