| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CSR1TTED Datasheet
# Example questions:
➢ How does the tolerance of the csr1 resistor compare to the csr2 resistor?
➢ What termination material is standard for these resistors, and are other options available?
➢ What is the maximum operating temperature specified for the csr1 and csr2 current sense resistors?
# CSR Current Sense Resistors
## Features
️· Low resistance, high precision tolerance
️· Low T.C.R. (±50ppm/°C)
️· Flameproof (UL94V0)
️· Black body with white marking
️· Lead-free terminations meet RoHS requirements
## Ordering Information
️· New Part # Format: CSR[Part Number]TTE[Power Rating][Tolerance][Termination Style]
️· Resistance Range: 5mΩ - 50mΩ
️· Resistance Tolerance: D (±0.5%) or F (±1%)
️· Termination: Tin (Sn)
️· Packaging options:
- CSR1: 10" embossed tape (12mm pitch) - 1,000 pieces/reel
- CSR2: 13" embossed plastic (all sizes - 1,000 pieces/reel)
## Dimensions and Construction
|Size Code|L (inches) (mm)|W (inches) (mm)|t (inches) (mm)|a (inches) (mm)|b (inches) (mm)|c (inches) (mm)|d (inches) (mm)|e (inches) (mm)|f (inches) (mm)|g (inches) (mm)|h (inches) (mm)|
|---|---|---|---|---|---|---|---|---|---|---|---|
|CSR1|.425±.02 (10.8±0.5)|.244±.012 (6.2±0.3)|.083±.008 (2.1±0.2)|.118±.012 (3.0±0.3)|.031±.008 (0.8±0.2)|.055±.02 (1.4±0.5)|.047±.02 (1.2±0.5)|.051±.012 (1.3±0.3)|.051±.012 (1.3±0.3)|.197±.004 (5.0±0.1)|.098±.004 (2.5±0.1)|
|CSR2|.504±.02 (12.8±0.5)|.323±.012 (8.2±0.3)|.122±.008 (3.1±0.2)|.197±.012 (5.0±0.3)|.039±.008 (1.0±0.2)|.079±.02 (2.0±0.5)|.079±.02 (2.0±0.5)|.087±.012 (2.2±0.3)|.087±.012 (2.2±0.3)|.236±.004 (6.0±0.1)|.118±.004 (3.0±0.1)|
## Specifications
️· Part Designation: CSR1 and CSR2
️· Power Rating: 1W (CSR1), 2W (CSR2)
️· Operating Temperature Range: -55°C to +125°C
️· Dielectric Withstanding Voltage: 500V
️· Resistance Tolerance: D (±0.5%) or F (±1%)
️· Performance Characteristics (Example):
- Resistance to Solder Heat: ±1.0%
- Moisture Resistance: ±2.0%
Note: Specifications are subject to change without notice.
# CSR Current Sense Resistors
## Features
️· Low resistance, high precision tolerance
️· Low T.C.R. (±50ppm/°C)
️· Flameproof (UL94V0)
️· Black body with white marking
️· Lead-free terminations meet RoHS requirements
## Ordering Information
️· New Part # Format: CSR[Part Number]TTE[Power Rating][Tolerance][Termination Style]
️· Resistance Range: 5mΩ - 50mΩ
️· Resistance Tolerance: D (±0.5%) or F (±1%)
️· Termination: Tin (Sn)
️· Packaging options:
- CSR1: 10" embossed tape (12mm pitch) - 1,000 pieces/reel
- CSR2: 13" embossed plastic (all sizes - 1,000 pieces/reel)
## Dimensions and Construction
| Size Code | L (inches) (mm) | W (inches) (mm) | t (inches) (mm) | a (inches) (mm) | b (inches) (mm) | c (inches) (mm) | d (inches) (mm) | e (inches) (mm) | f (inches) (mm) | g (inches) (mm) | h (inches) (mm) |
|---|---|---|---|---|---|---|---|---|---|---|---|
| CSR1 | .425±.02 (10.8±0.5) | .244±.012 (6.2±0.3) | .083±.008 (2.1±0.2) | .118±.012 (3.0±0.3) | .031±.008 (0.8±0.2) | .055±.02 (1.4±0.5) | .047±.02 (1.2±0.5) | .051±.012 (1.3±0.3) | .051±.012 (1.3±0.3) | .197±.004 (5.0±0.1) | .098±.004 (2.5±0.1) |
| CSR2 | .504±.02 (12.8±0.5) | .323±.012 (8.2±0.3) | .122±.008 (3.1±0.2) | .197±.012 (5.0±0.3) | .039±.008 (1.0±0.2) | .079±.02 (2.0±0.5) | .079±.02 (2.0±0.5) | .087±.012 (2.2±0.3) | .087±.012 (2.2±0.3) | .236±.004 (6.0±0.1) | .118±.004 (3.0±0.1) |
| Part No. | CSR1TTED |
| Manufacturer | KOA |
| Size | 100 Kbytes |
| Pages | 2 pages |
| Description | four-terminal current sense resistor |