| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TIP32C Datasheet
# Example questions:
➢ What is the typical base-emitter saturation voltage (vbe(on)) when the collector current is 3a?
➢ What is the maximum collector current (ic) that the tip31a, tip31c, tip32a, tip32b, and tip32c transistors can handle?
➢ How does the thermal resistance from junction to case (rthj-case) differ between the npn and pnp types of these transistors?
# TIP31A/31C/TIP32A/32B/32C Transistors
## Overview
· Complementary silicon power transistors intended for medium power linear and switching applications.
· Available in Jedec TO-220 plastic package.
· NPN types: TIP31A, TIP31C
· PNP types: TIP32A, TIP32B, TIP32C
## Absolute Maximum Ratings
| Parameter | TIP31A/31C | TIP32A/32B/32C | Unit |
|---|---|---|---|
| Collector-Base Voltage (V<sub>CBO</sub>) | 60/80 | 100 | V |
| Collector-Emitter Voltage (V<sub>CEO</sub>) | 60/80 | 100 | V |
| Collector Current (I<sub>C</sub>) | 3 | 3 | A |
| Peak Collector Current (I<sub>CM</sub>) | 5 | 5 | A |
| Total Dissipation (P<sub>tot</sub>) (@ T<sub>case</sub> ≤ 25°C) | 40 | 2 | W |
| Storage Temperature (T<sub>stg</sub>) | -65 to 150 | -65 to 150 | °C |
| Operating Junction Temperature (T<sub>j</sub>) | 150 | 150 | °C |
## Electrical Characteristics (T<sub>case</sub> = 25°C)
· Collector Cut-off Current (I<sub>CEO</sub>): 0.3/0.3 mA (TIP31A/32A & TIP31C/32B/32C)
· Collector-Emitter Sustaining Voltage (V<sub>CEO(sus)</sub>): 60/80/100 V (TIP31A/32A, TIP32B, TIP31C/32C)
· Collector-Emitter Saturation Voltage (V<sub>CE(sat)</sub>): 1.2 V (@ I<sub>C</sub> = 3A, I<sub>B</sub> = 375mA)
· Base-Emitter Voltage (V<sub>BE(on)</sub>): 1.8 V (@ I<sub>C</sub> = 3A, V<sub>CE</sub> = 4V)
· DC Current Gain (h<sub>FE</sub>): 25/10-50 (@ I<sub>C</sub> = 1A, V<sub>CE</sub> = 4V)
## Thermal Data
· Thermal Resistance Junction-Case (R<sub>thj-case</sub>): 3.12 °C/W
· Thermal Resistance Junction-Ambient (R<sub>thj-amb</sub>): 62.5 °C/W
## Mechanical Data
· Package: TO-220
· Detailed dimensions provided in datasheet (various dimensions listed, including A, C, D, E, F, G, H, L, and diameter)
# TIP31A/31C/TIP32A/32B/32C Transistors
## Overview
· Complementary silicon power transistors intended for medium power linear and switching applications.
· Available in Jedec TO-220 plastic package.
· NPN types: TIP31A, TIP31C
· PNP types: TIP32A, TIP32B, TIP32C
## Absolute Maximum Ratings
| Parameter | TIP31A/31C | TIP32A/32B/32C | Unit |
|---|---|---|---|
| Collector-Base Voltage (V<sub>CBO</sub>) | 60/80 | 100 | V |
| Collector-Emitter Voltage (V<sub>CEO</sub>) | 60/80 | 100 | V |
| Collector Current (I<sub>C</sub>) | 3 | 3 | A |
| Peak Collector Current (I<sub>CM</sub>) | 5 | 5 | A |
| Total Dissipation (P<sub>tot</sub>) (@ T<sub>case</sub> ≤ 25°C) | 40 | 2 | W |
| Storage Temperature (T<sub>stg</sub>) | -65 to 150 | -65 to 150 | °C |
| Operating Junction Temperature (T<sub>j</sub>) | 150 | 150 | °C |
| Part No. | TIP32C |
| Manufacturer | STMICROELECTRONICS |
| Size | 64 Kbytes |
| Pages | 5 pages |
| Description | COMPLEMENTARY SILICON POWER TRANSISTORS |