| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STP3020 Datasheet
# Example questions:
➢ What is the typical value for the thermal resistance from junction to case (rthj-case) for this mosfet?
➢ What is the maximum drain current the stp3020l can continuously handle at a case temperature of 25°c?
➢ How does the gate threshold voltage (vgs(th)) change with temperature, according to the provided graphs?
# STP3020L Power MOSFET
## Overview
N-Channel Power MOSFET designed for high current, high speed switching applications. Utilizes STMicroelectronics' strip-based process for high packing density, low on-resistance, and robust avalanche characteristics.
## Key Features
· V DSS: 30V
· R DS(on): 0.019Ω (typical)
· ID (Continuous): 40A (at Tc = 25°C), 28A (at Tc = 100°C)
· IDM (Pulsed): 160A
· Low Gate Charge: Suitable for fast switching
· Applications: Solenoid/relay drivers, motor control, DC-AC converters, automotive (injection, ABS, airbags, lamps).
## Electrical Characteristics (Tcase = 25°C)
· V(BR)DSS: 30V
· V GS(th): 2.5V (typical)
· ID(on): 40A (at VGS = 10V)
· gfs (Forward Transconductance): 520S
· Q g (Total Gate Charge): 21nC
## Thermal Characteristics
· R thjc (Junction-Case Thermal Resistance): 1.875 °C/W
· R thja (Junction-Ambient Thermal Resistance): 62.5 °C/W
· Maximum Lead Temperature for Soldering: 300°C
## Switching Characteristics (Test Conditions: VDD=15V, ID=19A, RG=4.7Ω, Resistive Load)
· td(on) (Turn-on Delay Time): 28ns
· tr (Rise Time): 220ns
· td(off) (Turn-off Delay Time): 45ns
· tf (Fall Time): 35ns
## Package Information
· Package Type: TO-220
· Detailed Mechanical Dimensions: Provided in datasheet figures and table.
## Absolute Maximum Ratings
· V DS (Drain-Source Voltage): 30V
· V GS (Gate-Source Voltage): ±20V
· P tot (Total Dissipation): 80W (at Tc = 25°C), derating factor of 0.53W/°C
· Tstg (Storage Temperature): -65 to +175°C
· Tj (Junction Temperature): 175°C
# STP3020L Power MOSFET
## Overview
N-Channel Power MOSFET designed for high current, high speed switching applications. Utilizes STMicroelectronics' strip-based process for high packing density, low on-resistance, and robust avalanche characteristics.
## Key Features
· V DSS: 30V
· R DS(on): 0.019Ω (typical)
· ID (Continuous): 40A (at Tc = 25°C), 28A (at Tc = 100°C)
· IDM (Pulsed): 160A
· Low Gate Charge: Suitable for fast switching
· Applications: Solenoid/relay drivers, motor control, DC-AC converters, automotive (injection, ABS, airbags, lamps).
## Electrical Characteristics (Tcase = 25°C)
· V(BR)DSS: 30V
· V GS(th): 2.5V (typical)
· ID(on): 40A (at VGS = 10V)
· gfs (Forward Transconductance): 520S
· Q g (Total Gate Charge): 21nC
## Thermal Characteristics
· R thjc (Junction-Case Thermal Resistance): 1.875 °C/W
· R thja (Junction-Ambient Thermal Resistance): 62.5 °C/W
· Maximum Lead Temperature for Soldering: 300°C
## Switching Characteristics (Test Conditions: VDD=15V, ID=19A, RG=4.7Ω, Resistive Load)
· td(on) (Turn-on Delay Time): 28ns
· tr (Rise Time): 220ns
· td(off) (Turn-off Delay Time): 45ns
· tf (Fall Time): 35ns
## Package Information
· Package Type: TO-220
· Detailed Mechanical Dimensions: Provided in datasheet figures and table.
## Absolute Maximum Ratings
· V DS (Drain-Source Voltage): 30V
· V GS (Gate-Source Voltage): ±20V
· P tot (Total Dissipation): 80W (at Tc = 25°C), derating factor of 0.53W/°C
· Tstg (Storage Temperature): -65 to +175°C
· Tj (Junction Temperature): 175°C
| Part No. | STP3020 |
| Manufacturer | STMICROELECTRONICS |
| Size | 83 Kbytes |
| Pages | 8 pages |
| Description | N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET |