công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GS-R24FP
MfrSTMICROELECTRONICS
Size454 Kbytes
Pages15 pages
Description1.8 A DC-DC converter modules
Datasheet SummaryAI
Document Type: Datasheet/Technical Document for the GS-R24FP Switching Regulator.

Key Features & Purpose:

️· Type: Synchronous Buck Regulator (Step-Down DC-DC Converter).
️· Current Capability: Designed for 1.8A output current.
️· Applications: Suitable for a wide range of applications needing efficient power conversion.

Key Technical Highlights (from the document – though detailed specs are not fully provided in this excerpt):

️· Synchronous Rectification: Improves efficiency by using MOSFETs instead of diodes for rectification.
️· Protection Features: Includes overvoltage protection (OVP).
️· Soldering: Specific recommendations for soldering the device, following IPC/JEDEC J-STD-020C standards.

Ordering Information:

️· The document includes a scheme for determining the part number. e.g., `GS-R12FV0181.8` indicates a 1.8A version.

Document Structure:

️· The document covers the regulator's features, ordering scheme, revision history, and provides some basic application information.

Important Considerations:

️· The document highlights that STMicroelectronics disclaims any liability for improper use or applications where failure could cause harm.
️· It stresses the importance of following recommended soldering profiles.

Overall:
GS-R24FP Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GS-R24FP Datasheet.
    Example questions: ➤ What is the maximum average ramp-up rate (in °c/sec) allowed from tsmax to tp?➤ What is the typical overvoltage protection (ovp) threshold, relative to the feedback voltage, for the gs-r24fp?➤ What is the primary purpose of connecting multiple gs-r24fp units using the method shown in figure 6?
  • Datasheet Details
    Part No.GS-R24FP
    ManufacturerSTMICROELECTRONICS
    Size454 Kbytes
    Pages15 pages
    Description1.8 A DC-DC converter modules
    Datasheet Summary AI Expand summary
    Document Type: Datasheet/Technical Document for the GS-R24FP Switching Regulator.

    Key Features & Purpose:

    ️· Type: Synchronous Buck Regulator (Step-Down DC-DC Converter).
    ️· Current Capability: Designed for 1.8A output current.
    ️· Applications: Suitable for a wide range of applications needing efficient power conversion.

    Key Technical Highlights (from the document – though detailed specs are not fully provided in this excerpt):

    ️· Synchronous Rectification: Improves efficiency by using MOSFETs instead of diodes for rectification.
    ️· Protection Features: Includes overvoltage protection (OVP).
    ️· Soldering: Specific recommendations for soldering the device, following IPC/JEDEC J-STD-020C standards.

    Ordering Information:

    ️· The document includes a scheme for determining the part number. e.g., `GS-R12FV0181.8` indicates a 1.8A version.

    Document Structure:

    ️· The document covers the regulator's features, ordering scheme, revision history, and provides some basic application information.

    Important Considerations:

    ️· The document highlights that STMicroelectronics disclaims any liability for improper use or applications where failure could cause harm.
    ️· It stresses the importance of following recommended soldering profiles.

    Overall: