công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.M93C46-RMB6TP
MfrSTMICROELECTRONICS
Size436 Kbytes
Pages27 pages
Description16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
Datasheet SummaryAI
Overview:

️· The M93Cx6 is a family of serial EEPROM (Electrically Erasable Programmable Read-Only Memory) devices.
️· Available in sizes from 1024 bits (M93C46) to 16384 bits (M93C86).
️· Organized as either 8-bit bytes or 16-bit words, selectable via the ORG pin.
️· Communicates via a simple serial interface (Microwire bus) – meaning only a few pins are needed for communication.

Key Features & Characteristics:

️· Serial Interface: Designed to connect to microcontrollers (MCUs) using a serial communication bus.
️· Self-Timed Programming: Writing to the EEPROM is internally timed, simplifying the external control requirements.
️· No Erase Cycle Before Write: Unlike some EEPROMs, a separate erase cycle isn’t needed before writing data.
️· Internal Power-on Reset: Includes a circuit to prevent accidental writes during power-up.
️· Power Supply Protection: Requires stable supply voltage and includes mechanisms to prevent spurious writes during power-up/down.
️· Instruction Set: Supports a range of instructions like READ, WRITE, ERASE, and WRITE ALL.
️· Bus Master/Slave: Designed to work in a multi-device bus environment.
️· Organization Select: Configurable as either 8-bit or 16-bit organization.

Important Considerations:

️· Power-Up/Down Sequencing: Correct power-up and power-down procedures are crucial for reliability (Chip Select (S) pin should be driven to VSS during power-up and stable supply voltage is required).
️· Serial Bus Requirements: The serial bus needs a pull-down resistor to ensure proper device selection.
️· Pin Configuration: Understand the roles of pins like S (Chip Select), C (Clock), SDI (Serial Data In), and Q (Serial Data Out).
️· ORG pin: Configures memory organization.



In essence, the M93Cx6 offers a compact and relatively easy-to-interface non-volatile memory solution for applications where storing small to medium amounts of data is required.
M93C46-RMB6TP Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about M93C46-RMB6TP Datasheet.
    Example questions: ➤ What happens if the organization select (org) pin is left unconnected?➤ What is the recommended value for the pull-down resistor (r) used in connecting multiple devices on the serial bus?➤ What internal state is the m93cx6 in after vcc passes the power-on reset threshold voltage?
  • Datasheet Details
    Part No.M93C46-RMB6TP
    ManufacturerSTMICROELECTRONICS
    Size436 Kbytes
    Pages27 pages
    Description16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
    Datasheet Summary AI Expand summary
    Overview:

    ️· The M93Cx6 is a family of serial EEPROM (Electrically Erasable Programmable Read-Only Memory) devices.
    ️· Available in sizes from 1024 bits (M93C46) to 16384 bits (M93C86).
    ️· Organized as either 8-bit bytes or 16-bit words, selectable via the ORG pin.
    ️· Communicates via a simple serial interface (Microwire bus) – meaning only a few pins are needed for communication.

    Key Features & Characteristics:

    ️· Serial Interface: Designed to connect to microcontrollers (MCUs) using a serial communication bus.
    ️· Self-Timed Programming: Writing to the EEPROM is internally timed, simplifying the external control requirements.
    ️· No Erase Cycle Before Write: Unlike some EEPROMs, a separate erase cycle isn’t needed before writing data.
    ️· Internal Power-on Reset: Includes a circuit to prevent accidental writes during power-up.
    ️· Power Supply Protection: Requires stable supply voltage and includes mechanisms to prevent spurious writes during power-up/down.
    ️· Instruction Set: Supports a range of instructions like READ, WRITE, ERASE, and WRITE ALL.
    ️· Bus Master/Slave: Designed to work in a multi-device bus environment.
    ️· Organization Select: Configurable as either 8-bit or 16-bit organization.

    Important Considerations:

    ️· Power-Up/Down Sequencing: Correct power-up and power-down procedures are crucial for reliability (Chip Select (S) pin should be driven to VSS during power-up and stable supply voltage is required).
    ️· Serial Bus Requirements: The serial bus needs a pull-down resistor to ensure proper device selection.
    ️· Pin Configuration: Understand the roles of pins like S (Chip Select), C (Clock), SDI (Serial Data In), and Q (Serial Data Out).
    ️· ORG pin: Configures memory organization.



    In essence, the M93Cx6 offers a compact and relatively easy-to-interface non-volatile memory solution for applications where storing small to medium amounts of data is required.