công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD5000 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SD5000 Datasheet

  • # Example questions: ➢ What are the absolute maximum collector-base voltage (vcbo) and collector-emitter voltage (vces) ratings for this transistor?
    ➢ What is the minimum output power (pout) of the sd5000 at 1 ghz with a collector current of 220 ma?
    ➢ How is the input impedance (zin) specified at a frequency of 1000 mhz?

  • Part No.SD5000
    ManufacturerSTMICROELECTRONICS
    Size43 Kbytes
    Pages4 pages
    DescriptionRF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
    Datasheet Summary with AI

    # SD5000 NPN Silicon Transistor

    ## General Description
    · NPN Silicon Transistor for linear applications at 1000 MHz
    · Designed for Telecommunications, Radar, ECM, Space, and other systems
    · Features gold metallization and polysilicon site ballasting for reliability

    ## Absolute Maximum Ratings (Tcase = 25°C)
    · VCBO (Collector-Base Voltage): 50 V
    · VCES (Collector-Emitter Voltage): 50 V
    · VEBO (Emitter-Base Voltage): 3.5 V
    · IC (Device Current): 1.0 A
    · PDISS (Power Dissipation): 7.0 W
    · TJ (Junction Temperature): +200 °C
    · TSTG (Storage Temperature): -65 to +150 °C
    · RTH(j-c) (Junction-Case Thermal Resistance): 25 °C/W

    ## Electrical Specifications (Tcase = 25°C)
    · Pout (1dB f = 1 GHz, VCC = 20 V, IC = 220 mA): 1.5 W min.
    · GP (f= 1 GHz, VCC = 20 V, IC = 220 mA): 9.5 dB min.
    · VSWR (f = 1 GHz, VCC = 20 V, IC = 220 mA): 25:1 max.
    · Cob (f= 1 MHz, VCB = 20 V): 4.0 pF max.
    · BV CBO (IC = 10mA): 50 V
    · BV EBO (IE = 5mA): 3.5 V
    · BV CES (IC = 10mA): 50 V
    · BV CEO (IC = 5mA): 23 V
    · ICBO (VCB = 28V): 0.2 mA max.
    · hFE (VCE = 5V, IC = 100mA): 18-200

    ## Pin Connection
    1. Collector
    2. Emitter
    3. Base
    4. Emitter

    ## Impedance Data (1000 MHz)
    · ZIN: 4.0 + j 3.3 Ω
    · ZCL: 20.8 + j 33.3 Ω

    ## Test Circuit Components
    · B1, B2: Ferrite Beads
    · C1, C2: 120 pF Chip Capacitors
    · C3: .4 - 2.5 pF Johanson Capacitor
    · C4: .8 - 8 pF Johanson Capacitor
    · C5, C6, C7, C8: 220 pF Chip Capacitors
    · C9, C10: 1000 pF Chip Capacitors
    · C11: .1 µF Capacitor
    · C12, C13: 15,000 pF EMI Filter
    · L1, L2: 5 Turn Choke (Wire Diameter .025”, I.D. 0.125”)
    · Substrate: Er = 10.2, H = .050”, 1oz. Copper

    ## Package Information
    · Reference Drawing Number: 12-0122

    # SD5000 NPN Silicon Transistor

    ## General Description
    · NPN Silicon Transistor for linear applications at 1000 MHz
    · Designed for Telecommunications, Radar, ECM, Space, and other systems
    · Features gold metallization and polysilicon site ballasting for reliability

    ## Absolute Maximum Ratings (Tcase = 25°C)
    · VCBO (Collector-Base Voltage): 50 V
    · VCES (Collector-Emitter Voltage): 50 V
    · VEBO (Emitter-Base Voltage): 3.5 V
    · IC (Device Current): 1.0 A
    · PDISS (Power Dissipation): 7.0 W
    · TJ (Junction Temperature): +200 °C
    · TSTG (Storage Temperature): -65 to +150 °C
    · RTH(j-c) (Junction-Case Thermal Resistance): 25 °C/W

    ## Electrical Specifications (Tcase = 25°C)
    · Pout (1dB f = 1 GHz, VCC = 20 V, IC = 220 mA): 1.5 W min.
    · GP (f= 1 GHz, VCC = 20 V, IC = 220 mA): 9.5 dB min.
    · VSWR (f = 1 GHz, VCC = 20 V, IC = 220 mA): 25:1 max.
    · Cob (f= 1 MHz, VCB = 20 V): 4.0 pF max.
    · BV CBO (IC = 10mA): 50 V
    · BV EBO (IE = 5mA): 3.5 V
    · BV CES (IC = 10mA): 50 V
    · BV CEO (IC = 5mA): 23 V
    · ICBO (VCB = 28V): 0.2 mA max.
    · hFE (VCE = 5V, IC = 100mA): 18-200

    ## Pin Connection
    1. Collector
    2. Emitter
    3. Base
    4. Emitter

    ## Impedance Data (1000 MHz)
    · ZIN: 4.0 + j 3.3 Ω
    · ZCL: 20.8 + j 33.3 Ω

    ## Test Circuit Components
    · B1, B2: Ferrite Beads
    · C1, C2: 120 pF Chip Capacitors
    · C3: .4 - 2.5 pF Johanson Capacitor
    · C4: .8 - 8 pF Johanson Capacitor
    · C5, C6, C7, C8: 220 pF Chip Capacitors
    · C9, C10: 1000 pF Chip Capacitors
    · C11: .1 µF Capacitor
    · C12, C13: 15,000 pF EMI Filter
    · L1, L2: 5 Turn Choke (Wire Diameter .025”, I.D. 0.125”)
    · Substrate: Er = 10.2, H = .050”, 1oz. Copper

    ## Package Information
    · Reference Drawing Number: 12-0122

    Part No.SD5000
    ManufacturerSTMICROELECTRONICS
    Size43 Kbytes
    Pages4 pages
    DescriptionRF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS