công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMBT3906 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MMBT3906 Datasheet

  • # Example questions: ➢ What are the physical dimensions of the sot-23 package, specifically the values for 'd' and 'f'?
    ➢ What is the maximum collector current (ic) that the mmbt3906 can handle?
    ➢ What is the typical value for the dc current gain (hfe) when the collector current (ic) is -1 ma and the collector-emitter voltage (vce) is -1v?

  • Part No.MMBT3906
    ManufacturerSTMICROELECTRONICS
    Size58 Kbytes
    Pages4 pages
    DescriptionSMALL SIGNAL PNP TRANSISTOR
    Datasheet Summary with AI

    # MMBT3906 Small Signal PNP Transistor

    ## Overview
    ️· Silicon epitaxial planar PNP transistor
    ️· Miniature SOT-23 plastic package for surface mounting
    ️· Tape and reel packing
    ️· Complementary NPN type: MMBT3904
    ️· Suitable for portable equipment and small load switching

    ## Absolute Maximum Ratings
    ️· VCBO (Collector-Base Voltage): -60V
    ️· VCEO (Collector-Emitter Voltage): -40V
    ️· VEBO (Emitter-Base Voltage): -6V
    ️· IC (Collector Current): -200mA
    ️· Ptot (Total Dissipation): 350mW @ TC = 25°C
    ️· Tstg (Storage Temperature): -65 to 150°C
    ️· Tj (Operating Junction Temperature): 150°C

    ## Electrical Characteristics (Tcase = 25°C)
    ️· ICEX (Collector Cut-off Current): -50nA @ VCE = -30V, VBE = 3V

    ️· V(BR)CEO (Collector-Emitter Breakdown Voltage): -40V @ IC = -1mA
    ️· V(BR)CBO (Collector-Base Breakdown Voltage): -60V @ IC = -10µA
    ️· V(BR)EBO (Emitter-Base Breakdown Voltage): -6V @ IE = -10µA
    ️· VCE(sat) (Collector-Emitter Saturation Voltage): -0.25V to -0.4V @ IC = -10mA to -50mA
    ️· VBE(sat) (Base-Emitter Saturation Voltage): -0.65V to -0.95V @ IC = -10mA to -50mA
    ️· hFE (DC Current Gain): 60 to 300 (@ IC = -0.1mA to -100mA, VCE = -1V)
    ️· fT (Transition Frequency): 250MHz @ IC = -10mA, VCE = -20V
    ️· NF (Noise Figure): 4dB @ VCE = -5V, IC = -0.1mA
    ️· CCBO (Collector-Base Capacitance): 6pF @ IE = 0, VCB = -5V
    ️· CEBO (Emitter-Base Capacitance): 25pF @ IC = 0, VEB = -0.5V

    ## SOT-23 Package Dimensions
    ️· Refer to the document for detailed dimensional specifications (A, B, C, D, E, F, G, H, L, M, N, O dimensions).

    # MMBT3906 Small Signal PNP Transistor

    ## Overview
    ️· Silicon epitaxial planar PNP transistor
    ️· Miniature SOT-23 plastic package for surface mounting
    ️· Tape and reel packing
    ️· Complementary NPN type: MMBT3904
    ️· Suitable for portable equipment and small load switching

    ## Absolute Maximum Ratings
    ️· VCBO (Collector-Base Voltage): -60V
    ️· VCEO (Collector-Emitter Voltage): -40V
    ️· VEBO (Emitter-Base Voltage): -6V
    ️· IC (Collector Current): -200mA
    ️· Ptot (Total Dissipation): 350mW @ TC = 25°C
    ️· Tstg (Storage Temperature): -65 to 150°C
    ️· Tj (Operating Junction Temperature): 150°C

    ## Electrical Characteristics (Tcase = 25°C)
    ️· ICEX (Collector Cut-off Current): -50nA @ VCE = -30V, VBE = 3V
    ️· V(BR)CEO (Collector-Emitter Breakdown Voltage): -40V @ IC = -1mA
    ️· V(BR)CBO (Collector-Base Breakdown Voltage): -60V @ IC = -10µA
    ️· V(BR)EBO (Emitter-Base Breakdown Voltage): -6V @ IE = -10µA
    ️· VCE(sat) (Collector-Emitter Saturation Voltage): -0.25V to -0.4V @ IC = -10mA to -50mA
    ️· VBE(sat) (Base-Emitter Saturation Voltage): -0.65V to -0.95V @ IC = -10mA to -50mA
    ️· hFE (DC Current Gain): 60 to 300 (@ IC = -0.1mA to -100mA, VCE = -1V)
    ️· fT (Transition Frequency): 250MHz @ IC = -10mA, VCE = -20V
    ️· NF (Noise Figure): 4dB @ VCE = -5V, IC = -0.1mA
    ️· CCBO (Collector-Base Capacitance): 6pF @ IE = 0, VCB = -5V
    ️· CEBO (Emitter-Base Capacitance): 25pF @ IC = 0, VEB = -0.5V

    ## SOT-23 Package Dimensions
    ️· Refer to the document for detailed dimensional specifications (A, B, C, D, E, F, G, H, L, M, N, O dimensions).

    Part No.MMBT3906
    ManufacturerSTMICROELECTRONICS
    Size58 Kbytes
    Pages4 pages
    DescriptionSMALL SIGNAL PNP TRANSISTOR