| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M54HC133 Datasheet
# Example questions:
➢ What is the typical power dissipation (pd) value when operating at an ambient temperature of 65°c?
➢ What package types are available for the m54/m74hc133, and what are the dimensions of the so16 package?
➢ What is the maximum permissible input voltage (vi) for this device?
# M54/M74HC133 13-Input NAND Gate
## Description
️· High-speed CMOS 13-input NAND gate.
️· Fabricated in silicon gate C2MOS technology.
️· Compatible with 54/74LS133.
️· Low power consumption.
️· High noise immunity due to 7-stage buffer output.
️· Static discharge and transient excess voltage protection.
## Features
️· tPD = 13ns (typical) at VCC = 5V
️· ICC = 1µA (max) at TA = 25°C
️· VNIH = VNIL = 28%VCC (min)
️· 10 LSTTL load capability
️· IOH = IOL = 4mA (min)
️· Balanced propagation delays (tPLH = tPHL)
️· Wide operating voltage range: VCC (OPR) = 2V to 6V
## Operating Conditions
️· VCC: 2V to 6V
️· VI Input Voltage: 0 to VCC
️· VO Output Voltage: 0 to VCC
️· Operating Temperature:
- M54HC Series: -55°C to +125°C
- M74HC Series: -40°C to +85°C
## Absolute Maximum Ratings
️· VCC: -0.5 to +7V
️· VI, VO: -0.5 to VCC + 0.5V
️· IIK, IOK: ±20mA
️· IO: ±25mA
️· ICC/IGND: ±50mA
️· PD: 500mW (derated above 25°C)
️· TSTG: -65°C to +150°C
## Electrical Characteristics
️· Refer to datasheet for specific values of input leakage current, output drive capability, timing parameters, dynamic characteristics, etc.
## Package Options
️· Plastic DIP16 (0.25)
️· Ceramic DIP16
️· SO16 (Narrow)
️· PLCC20
## Note
️· Information furnished is believed to be accurate and reliable but not responsible for consequences of use or infringement of patents.
️· Not authorized for use as critical components in life support devices.
# M54/M74HC133 13-Input NAND Gate
## Description
️· High-speed CMOS 13-input NAND gate.
️· Fabricated in silicon gate C2MOS technology.
️· Compatible with 54/74LS133.
️· Low power consumption.
️· High noise immunity due to 7-stage buffer output.
️· Static discharge and transient excess voltage protection.
## Features
️· tPD = 13ns (typical) at VCC = 5V
️· ICC = 1µA (max) at TA = 25°C
️· VNIH = VNIL = 28%VCC (min)
️· 10 LSTTL load capability
️· IOH = IOL = 4mA (min)
️· Balanced propagation delays (tPLH = tPHL)
️· Wide operating voltage range: VCC (OPR) = 2V to 6V
## Operating Conditions
️· VCC: 2V to 6V
️· VI Input Voltage: 0 to VCC
️· VO Output Voltage: 0 to VCC
️· Operating Temperature:
- M54HC Series: -55°C to +125°C
- M74HC Series: -40°C to +85°C
## Absolute Maximum Ratings
️· VCC: -0.5 to +7V
️· VI, VO: -0.5 to VCC + 0.5V
️· IIK, IOK: ±20mA
️· IO: ±25mA
️· ICC/IGND: ±50mA
️· PD: 500mW (derated above 25°C)
️· TSTG: -65°C to +150°C
## Electrical Characteristics
️· Refer to datasheet for specific values of input leakage current, output drive capability, timing parameters, dynamic characteristics, etc.
## Package Options
️· Plastic DIP16 (0.25)
️· Ceramic DIP16
️· SO16 (Narrow)
️· PLCC20
## Note
️· Information furnished is believed to be accurate and reliable but not responsible for consequences of use or infringement of patents.
️· Not authorized for use as critical components in life support devices.
| Part No. | M54HC133 |
| Manufacturer | STMICROELECTRONICS |
| Size | 237 Kbytes |
| Pages | 10 pages |
| Description | 13 INPUT NAND GATE |