công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TOP245P- Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TOP245P- Datasheet

  • # Example questions: ➢ Explain how the light load frequency reduction feature enhances efficiency in power supplies, and what are the typical minimum and maximum frequencies achieved with this feature?
    ➢ What are the primary functions of the line-sense or multi-function pin, and how does a single resistor connected to this pin influence the device's operation?
    ➢ Describe the mechanism by which the on-chip current limit is programmed externally, and what benefits does this programmability offer to power supply designers?

  • Part No.TOP245P-
    ManufacturerPOWERINT
    Size2Mb
    Pages52 pages
    DescriptionTOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
    Datasheet Summary with AI

    ## Summary of the TOPSwitch-GX Datasheet Extract

    This is a detailed summary of the provided excerpt from the TOPSwitch-GX datasheet, focusing on key features and functionalities.

    Core Functionality & Control:

    ️· Voltage Mode Control: The device utilizes voltage-mode control, adjusting the duty cycle of the output MOSFET based on the current flowing into the CONTROL pin, exceeding the chip’s internal supply current.
    ️· Pulse Width Modulation (PWM): A sawtooth waveform from an internal oscillator is compared with the error signal to generate the duty cycle.
    ️· Maximum Duty Cycle (DC MAX): Default DC MAX is 78%, which can be reduced via line feed-forward using an external resistor.
    ️· Light Load Frequency Reduction: At lighter loads, the switching frequency is reduced to maintain efficiency.

    Protection & Monitoring:

    ️· On-Chip Current Limit: Cycle-by-cycle current limiting is implemented, with the threshold adjustable via an external resistor.
    ️· Line Under-Voltage (UV) Detection: Protects against low input voltages, preventing operation and restarts. Has two thresholds (high and low).
    ️· Line Overvoltage (OV) Shutdown: Shuts down the device to protect against high input voltages. Includes hysteresis.
    ️· Thermal Shutdown: (While not explicitly mentioned in this excerpt, it’s a standard feature of TOPSwitch devices).

    Advanced Features & Enhancements:

    ️· Line Feed-Forward: Reduces output ripple and improves transient response by adjusting the duty cycle based on line voltage.
    ️· Synchronization: Allows synchronization with an external clock signal.
    ️· Frequency Jitter: Introduces a slight variation in switching frequency to reduce EMI (Electromagnetic Interference).
    ️· Leading Edge Blanking: Prevents premature current limiting due to initial transients.
    ️· Error Amplifier: The shunt regulator can also be used as an error amplifier for primary-side feedback control.

    Key External Controls & Adjustments:

    ️· Resistor for Current Limit: Allows programming the current limit.
    ️· Resistor for UV, OV, and Line Feed-Forward: A single resistor network adjusts UV/OV thresholds and enables line feed-forward.
    ️· Synchronization Pin: For external clock synchronization.



    In essence, the TOPSwitch-GX is a highly integrated, advanced controller for flyback converters. It offers precise control, robust protection, and features designed to improve efficiency, reduce EMI, and enhance overall power supply performance.

    ## Summary of the TOPSwitch-GX Datasheet Extract

    This is a detailed summary of the provided excerpt from the TOPSwitch-GX datasheet, focusing on key features and functionalities.

    Core Functionality & Control:

    ️· Voltage Mode Control: The device utilizes voltage-mode control, adjusting the duty cycle of the output MOSFET based on the current flowing into the CONTROL pin, exceeding the chip’s internal supply current.
    ️· Pulse Width Modulation (PWM): A sawtooth waveform from an internal oscillator is compared with the error signal to generate the duty cycle.
    ️· Maximum Duty Cycle (DC MAX): Default DC MAX is 78%, which can be reduced via line feed-forward using an external resistor.
    ️· Light Load Frequency Reduction: At lighter loads, the switching frequency is reduced to maintain efficiency.

    Protection & Monitoring:

    ️· On-Chip Current Limit: Cycle-by-cycle current limiting is implemented, with the threshold adjustable via an external resistor.
    ️· Line Under-Voltage (UV) Detection: Protects against low input voltages, preventing operation and restarts. Has two thresholds (high and low).
    ️· Line Overvoltage (OV) Shutdown: Shuts down the device to protect against high input voltages. Includes hysteresis.
    ️· Thermal Shutdown: (While not explicitly mentioned in this excerpt, it’s a standard feature of TOPSwitch devices).

    Advanced Features & Enhancements:

    ️· Line Feed-Forward: Reduces output ripple and improves transient response by adjusting the duty cycle based on line voltage.
    ️· Synchronization: Allows synchronization with an external clock signal.
    ️· Frequency Jitter: Introduces a slight variation in switching frequency to reduce EMI (Electromagnetic Interference).
    ️· Leading Edge Blanking: Prevents premature current limiting due to initial transients.
    ️· Error Amplifier: The shunt regulator can also be used as an error amplifier for primary-side feedback control.

    Key External Controls & Adjustments:

    ️· Resistor for Current Limit: Allows programming the current limit.
    ️· Resistor for UV, OV, and Line Feed-Forward: A single resistor network adjusts UV/OV thresholds and enables line feed-forward.
    ️· Synchronization Pin: For external clock synchronization.



    In essence, the TOPSwitch-GX is a highly integrated, advanced controller for flyback converters. It offers precise control, robust protection, and features designed to improve efficiency, reduce EMI, and enhance overall power supply performance.

    Part No.TOP245P-
    ManufacturerPOWERINT
    Size2Mb
    Pages52 pages
    DescriptionTOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher