công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74V2T02STR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 74V2T02STR Datasheet

  • # Example questions: ➢ What is the typical value for the power dissipation capacitance (cpd) of the 74v2t02?
    ➢ What is the maximum propagation delay time (tplh) when vcc is 5.0v and the load capacitance (cl) is 50pf?
    ➢ What type of application is stmicroelectronics explicitly stating their products are *not* authorized for use in, without express written approval?

  • Part No.74V2T02STR
    ManufacturerSTMICROELECTRONICS
    Size128 Kbytes
    Pages7 pages
    DescriptionDUAL 2-INPUT NOR GATE
    Datasheet Summary with AI

    ## Summary of the STMicroelectronics 74VHC1G17 Document

    This document is a datasheet for the STMicroelectronics 74VHC1G17 single-input buffer gate. Here's a breakdown of the key information:

    Core Function:

    ️· Device Type: Single buffer gate (non-inverting)
    ️· Logic Family: VHC (Very High Speed CMOS) – designed for high-speed operation with low static power consumption.

    Key Features & Specifications:

    ️· Supply Voltage: 2.0V – 5.5V (operates across a wide voltage range)
    ️· Input/Output Voltage Levels: Compatible with 2.0V – 5.5V logic.
    ️· Propagation Delay: Relatively fast, with typical propagation delays around 4.5-7.5ns.
    ️· Static Power Dissipation: Low, typical 1 µA.
    ️· Package: SOT23-8L (Small Outline Transistor, 8-lead) - a small surface-mount package.
    ️· Tape & Reel: Available in tape and reel packaging for automated assembly.

    Datasheet Contents:

    The document provides detailed information including:

    ️· Electrical Characteristics: Specifies voltage levels, current consumption, propagation delays, and other critical parameters.
    ️· Absolute Maximum Ratings: Defines the limits within which the device can operate safely.
    ️· Timing Diagrams: Illustrates signal timing for proper operation.
    ️· Test Circuit: Provides a circuit diagram used to measure performance characteristics.
    ️· Mechanical Data: Includes dimensions of the SOT23-8L package and the tape & reel packaging.
    ️· Ordering Information: Specifies how to order the device.
    ️· Disclaimers and Legal Notices: Standard legal information about the use of the device.

    Target Applications:

    This buffer gate is suitable for various applications where a single buffer is needed, including:

    ️· Logic level translation
    ️· Driving moderate loads
    ️· Signal conditioning
    ️· General-purpose digital logic circuits.

    Manufacturer: STMicroelectronics.



    In essence, this document provides all the necessary technical details for engineers and designers to properly integrate the STMicroelectronics 74VHC1G17 buffer gate into their circuits.

    ## Summary of the STMicroelectronics 74VHC1G17 Document

    This document is a datasheet for the STMicroelectronics 74VHC1G17 single-input buffer gate. Here's a breakdown of the key information:

    Core Function:

    ️· Device Type: Single buffer gate (non-inverting)
    ️· Logic Family: VHC (Very High Speed CMOS) – designed for high-speed operation with low static power consumption.

    Key Features & Specifications:

    ️· Supply Voltage: 2.0V – 5.5V (operates across a wide voltage range)
    ️· Input/Output Voltage Levels: Compatible with 2.0V – 5.5V logic.
    ️· Propagation Delay: Relatively fast, with typical propagation delays around 4.5-7.5ns.
    ️· Static Power Dissipation: Low, typical 1 µA.
    ️· Package: SOT23-8L (Small Outline Transistor, 8-lead) - a small surface-mount package.
    ️· Tape & Reel: Available in tape and reel packaging for automated assembly.

    Datasheet Contents:

    The document provides detailed information including:

    ️· Electrical Characteristics: Specifies voltage levels, current consumption, propagation delays, and other critical parameters.
    ️· Absolute Maximum Ratings: Defines the limits within which the device can operate safely.
    ️· Timing Diagrams: Illustrates signal timing for proper operation.
    ️· Test Circuit: Provides a circuit diagram used to measure performance characteristics.
    ️· Mechanical Data: Includes dimensions of the SOT23-8L package and the tape & reel packaging.
    ️· Ordering Information: Specifies how to order the device.
    ️· Disclaimers and Legal Notices: Standard legal information about the use of the device.

    Target Applications:

    This buffer gate is suitable for various applications where a single buffer is needed, including:

    ️· Logic level translation
    ️· Driving moderate loads
    ️· Signal conditioning
    ️· General-purpose digital logic circuits.

    Manufacturer: STMicroelectronics.



    In essence, this document provides all the necessary technical details for engineers and designers to properly integrate the STMicroelectronics 74VHC1G17 buffer gate into their circuits.

    Part No.74V2T02STR
    ManufacturerSTMICROELECTRONICS
    Size128 Kbytes
    Pages7 pages
    DescriptionDUAL 2-INPUT NOR GATE