công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HER101G Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HER101G Datasheet

  • # Example questions: ➢ What is the maximum average forward rectified current for the her106g diode at a lead length of .375 inches and a temperature of 55°c?
    ➢ What is the typical junction capacitance (cj) of the her104g diode, measured at 1 mhz and an applied reverse voltage of 4.0 v d.c.?
    ➢ What is the maximum dc reverse current (ir) for all listed diodes at a temperature of 25°c when the rated dc blocking voltage is applied?

  • Part No.HER101G
    ManufacturerTSC
    Size70 Kbytes
    Pages2 pages
    Description1.0 AMP. Glass Passivated High Efficient Rectifiers
    Datasheet Summary with AI

    # HER101G - HER108G Rectifiers

    ## Features
    · Low forward voltage drop
    · High current capability
    · High reliability
    · High surge current capability

    ## Mechanical Data
    · Case: Molded plastic DO-41
    · Epoxy: UL 94V-O rate flame retardant
    · Lead: Axial leads, solderable per MIL-STD-202, Method 208
    · Polarity: Color band denotes cathode end
    · High temperature soldering: 260°C/10 seconds/.375” lead lengths at 5 lbs tension
    · Weight: 0.34 gram

    ## Electrical Characteristics (Values vary by model - HER101G - HER108G)
    · Maximum Recurrent Peak Reverse Voltage (VRRM): 50V - 1000V
    · Maximum RMS Voltage (VRMS): 35V - 700V
    · Maximum DC Blocking Voltage (VDC): 50V - 1000V

    · Maximum Average Forward Rectified Current (I(AV)): 1.0A @ 55°C
    · Peak Forward Surge Current (IFSM): 30A
    · Maximum Instantaneous Forward Voltage (VF): 1.0V - 1.7V @ 1.0A
    · Maximum DC Reverse Current (IR): 5.0µA - 150µA
    · Maximum Reverse Recovery Time (Trr): 50ns - 75ns
    · Typical Junction Capacitance (Cj): 10pF - 15pF
    · Typical Thermal Resistance (RθJA): 70°C/W; RθJC: 15°C/W
    · Operating Temperature Range (TJ): -65°C to +150°C
    · Storage Temperature Range (TSTG): -65°C to +150°C

    # HER101G - HER108G Rectifiers

    ## Features
    · Low forward voltage drop
    · High current capability
    · High reliability
    · High surge current capability

    ## Mechanical Data
    · Case: Molded plastic DO-41
    · Epoxy: UL 94V-O rate flame retardant
    · Lead: Axial leads, solderable per MIL-STD-202, Method 208
    · Polarity: Color band denotes cathode end
    · High temperature soldering: 260°C/10 seconds/.375” lead lengths at 5 lbs tension
    · Weight: 0.34 gram

    ## Electrical Characteristics (Values vary by model - HER101G - HER108G)
    · Maximum Recurrent Peak Reverse Voltage (VRRM): 50V - 1000V
    · Maximum RMS Voltage (VRMS): 35V - 700V
    · Maximum DC Blocking Voltage (VDC): 50V - 1000V
    · Maximum Average Forward Rectified Current (I(AV)): 1.0A @ 55°C
    · Peak Forward Surge Current (IFSM): 30A
    · Maximum Instantaneous Forward Voltage (VF): 1.0V - 1.7V @ 1.0A
    · Maximum DC Reverse Current (IR): 5.0µA - 150µA
    · Maximum Reverse Recovery Time (Trr): 50ns - 75ns
    · Typical Junction Capacitance (Cj): 10pF - 15pF
    · Typical Thermal Resistance (RθJA): 70°C/W; RθJC: 15°C/W
    · Operating Temperature Range (TJ): -65°C to +150°C
    · Storage Temperature Range (TSTG): -65°C to +150°C

    Part No.HER101G
    ManufacturerTSC
    Size70 Kbytes
    Pages2 pages
    Description1.0 AMP. Glass Passivated High Efficient Rectifiers