công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW54NM65N Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STW54NM65N Datasheet

  • # Example questions: ➢ How does the thermal resistance, junction to case, affect the device's heat dissipation?
    ➢ What is the maximum drain current this mosfet can handle continuously?
    ➢ What is the minimum drain-source breakdown voltage specified for this mosfet?

  • Part No.STW54NM65N
    ManufacturerISC
    Size350 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor STW54NM65N

    ## Features

    · Drain Current (ID): 50A @ TC=25℃
    · Drain-Source Voltage (VDSS): 650V (Min)
    · Static Drain-Source On-Resistance (RDS(on)): 0.065Ω (Max) @ VGS=10V

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 650 V
    VGS Gate-Source Voltage-Continuous ±25 V
    ID Drain Current-Continuous 50 A
    IDM Drain Current-Single Pulse 200 A
    PD Total Dissipation @TC=25℃ 350 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.36 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID=1.0mA 650 -- -- V
    IDSS Zero Gate Voltage Drain Current VDS=650V; VGS= 0V -- -- 1 μA
    IGSS Gate-Body Leakage Current VGS= ±20V;VDS= 0 V -- -- ±100 nA
    VGS(th) Gate Threshold Voltage VDS= VGS; ID=0.25mA 2.0 -- 4.0 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 25A -- -- 0.065 Ω
    VSD Forward On-Voltage IS= 50A; VGS= 0V -- -- 1.3 V

    ## Disclaimer

    · Intended for general electronic equipment.
    · Not designed for specialized quality/reliability or hazardous/aerospace/medical applications.
    · ISC disclaims all liability.
    · Reproduction prohibited without permission.

    # isc N-Channel MOSFET Transistor STW54NM65N

    ## Features

    · Drain Current (ID): 50A @ TC=25℃
    · Drain-Source Voltage (VDSS): 650V (Min)
    · Static Drain-Source On-Resistance (RDS(on)): 0.065Ω (Max) @ VGS=10V

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 650 V
    VGS Gate-Source Voltage-Continuous ±25 V
    ID Drain Current-Continuous 50 A
    IDM Drain Current-Single Pulse 200 A
    PD Total Dissipation @TC=25℃ 350 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.36 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID=1.0mA 650 -- -- V
    IDSS Zero Gate Voltage Drain Current VDS=650V; VGS= 0V -- -- 1 μA
    IGSS Gate-Body Leakage Current VGS= ±20V;VDS= 0 V -- -- ±100 nA
    VGS(th) Gate Threshold Voltage VDS= VGS; ID=0.25mA 2.0 -- 4.0 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 25A -- -- 0.065 Ω
    VSD Forward On-Voltage IS= 50A; VGS= 0V -- -- 1.3 V

    ## Disclaimer

    · Intended for general electronic equipment.
    · Not designed for specialized quality/reliability or hazardous/aerospace/medical applications.
    · ISC disclaims all liability.
    · Reproduction prohibited without permission.

    Part No.STW54NM65N
    ManufacturerISC
    Size350 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor