| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PJ-051B Datasheet
# Example questions:
➢ What is the operating temperature range within which this dc power jack is specified to function?
➢ What is the maximum voltage this dc power jack is rated to handle?
➢ What is the typical contact resistance between the terminal and the mating plug when measuring at a current less than 100 ma?
# MODEL: PJ-051B DESCRIPTION: DC POWER JACK
FEATURES
· 2.5 mm center pin
· 2.5 A rating
· Right-angle orientation
· Through hole
· Shielded
· Low profile
## RoHS
# SPECIFICATIONS
· Rated input voltage: 24 Vdc
· Rated input current: 2.5 A
· Contact Resistance: 30-50 mΩ
· Insulation Resistance: 100 MΩ
· Voltage Withstand: 500 Vac
· Insertion/Withdrawal Force: 0.3-3 kg
· Operating Temperature: -25 to 85 °C
· Life: 5,000 cycles
· Flammability Rating: UL94V-0
## SOLDERABILITY
· Wave soldering: 255-265 °C
# MECHANICAL DRAWING
· Tolerance:
- X.X ±0.2mm
- X.XX ±0.1mm
- X.XXX ±0.05mm
· Jack Insertion Depth: 8.2 mm
## PCB LAYOUT
· Multiple PCB layout options depending on the number of power circuits (2 or 3).
## SCHEMATIC
· Model: PJ-051B
· Center Pin: Ø2.5 mm
## REVISION HISTORY
· 1.0 (07/30/2007): Initial release
· 1.01 (09/30/2009): Shield plating material changed
· 1.02 (09/30/2013): Applied new spec template
· 1.03 (04/14/2016): Increased voltage rating
· 1.04 (11/05/2019): Brand update
# MODEL: PJ-051B DESCRIPTION: DC POWER JACK
FEATURES
· 2.5 mm center pin
· 2.5 A rating
· Right-angle orientation
· Through hole
· Shielded
· Low profile
## RoHS
# SPECIFICATIONS
· Rated input voltage: 24 Vdc
· Rated input current: 2.5 A
· Contact Resistance: 30-50 mΩ
· Insulation Resistance: 100 MΩ
· Voltage Withstand: 500 Vac
· Insertion/Withdrawal Force: 0.3-3 kg
· Operating Temperature: -25 to 85 °C
· Life: 5,000 cycles
· Flammability Rating: UL94V-0
## SOLDERABILITY
· Wave soldering: 255-265 °C
# MECHANICAL DRAWING
· Tolerance:
- X.X ±0.2mm
- X.XX ±0.1mm
- X.XXX ±0.05mm
· Jack Insertion Depth: 8.2 mm
## PCB LAYOUT
· Multiple PCB layout options depending on the number of power circuits (2 or 3).
## SCHEMATIC
· Model: PJ-051B
· Center Pin: Ø2.5 mm
## REVISION HISTORY
· 1.0 (07/30/2007): Initial release
· 1.01 (09/30/2009): Shield plating material changed
· 1.02 (09/30/2013): Applied new spec template
· 1.03 (04/14/2016): Increased voltage rating
· 1.04 (11/05/2019): Brand update
| Part No. | PJ-051B |
| Manufacturer | CUID |
| Size | 311 Kbytes |
| Pages | 3 pages |
| Description | DC POWER JACK |