| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about B65523-J-R87 Datasheet
# Example questions:
➢ What is the maximum operating temperature for the coil former material?
➢ How does the al value affect the magnetic characteristics of the core?
➢ What soldering temperature is permissible for wire-wrap connections on the coil former?
# ER 9,5/5 Core Components
## Core Specifications
️· Application: Transformers featuring high inductance and low overall height.
️· Type: ER 9,5 cores supplied in sets.
️· Standards: Compliant with IEC 61860.
## Magnetic Characteristics (per set)
️· Σ _l/A_ = 1.54 mm<sup>-1</sup>
️· _l_e = 13.6 mm
️· _A_e = 8.81 mm<sup>2</sup>
️· _V_e = 120 mm<sup>3</sup>
️· Approximate Weight: 0.6 g/set
## Ordering Information and Materials
| Characteristic | Value |
|---|---|
| Material (T38) | 4500 + 40/-30% |
| Ordering Code (T38) | B65523-J-Y38 |
| Material (N87) | 800 + 30/-20% |
| Ordering Code (N87) | B65523-J-R87 |
| Section A (mm<sup>2</sup>) | N | l (mm) | A Value (µΩ) | Terminals | Ordering Code |
|---|---|---|---|---|---|
| 3.23 | 18.4 | 196 | 8 | B65527-B1008-T1 | |
| Yoke | B65527-A2000 |
# ER 9,5/5 Core Components
## Core Specifications
️· Application: Transformers featuring high inductance and low overall height.
️· Type: ER 9,5 cores supplied in sets.
️· Standards: Compliant with IEC 61860.
## Magnetic Characteristics (per set)
️· Σ _l/A_ = 1.54 mm<sup>-1</sup>
️· _l_e = 13.6 mm
️· _A_e = 8.81 mm<sup>2</sup>
️· _V_e = 120 mm<sup>3</sup>
️· Approximate Weight: 0.6 g/set
## Ordering Information and Materials
| Characteristic | Value |
|---|---|
| Material (T38) | 4500 + 40/-30% |
| Ordering Code (T38) | B65523-J-Y38 |
| Material (N87) | 800 + 30/-20% |
| Ordering Code (N87) | B65523-J-R87 |
| Section A (mm<sup>2</sup>) | N | l (mm) | A Value (µΩ) | Terminals | Ordering Code |
|---|---|---|---|---|---|
| 3.23 | 18.4 | 196 | 8 | B65527-B1008-T1 | |
| Yoke | B65527-A2000 |
| Part No. | B65523-J-R87 |
| Manufacturer | EPCOS |
| Size | 94 Kbytes |
| Pages | 3 pages |
| Description | ER 9,5/5 Core |