| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MJ-3536N Datasheet
# Example questions:
➢ What is the maximum voltage this audio jack is rated to handle?
➢ How much force is required to insert or withdraw the mating plug, according to the typical value?
➢ What material is used for the bushing of this audio jack?
# MODEL: MJ-3536N | DESCRIPTION: AUDIO JACK
## FEATURES
· Flashed bushing
· Internal tip switch
## SPECIFICATIONS
· Rated input voltage: 12 Vdc
· Rated input current: 1 A
· Contact resistance (terminal to mating plug): 50 mΩ
· Contact resistance (terminal in closed circuit): 30 mΩ
· Insulation resistance: 100 MΩ
· Voltage withstand: 500 Vac
· Insertion/withdrawal force: 0.3 - 3 kg
· Operating temperature: -25 - 85 °C
· Life: 5,000 cycles
· Flammability rating: UL94V-0
· RoHS compliant
## SOLDERABILITY
· Wave soldering: 255 - 265 °C (dipped in solder pot for 5 ±0.5 seconds)
## MECHANICAL DRAWING
· Mating plug diameter: 3.5 mm
· Tolerance: ±0.15 mm (overall), ±0.05 mm (PCB)
· Material:
- Terminal 1: Brass, silver plating
- Terminal 2: Brass, silver plating
- Terminal 2: Brass, silver plating
- Bushing: Brass, tin plating
- Housing: PA (UL94V-0), black
· Pinout:
- 1: Sleeve
- 2: Tip
- 3: Tip switch
## REVISION HISTORY
· 1.0 (11/17/2005): Initial release
· 1.01 (10/07/2010): Added PCB slot dimensions
· 1.02 (02/10/2020): Brand update
· 1.03 (04/11/2023): Product reengineered for improved manufacturability and production yield.
## WARRANTY & DISCLAIMERS
· One (1) year limited warranty
· Subject to change without notice
· Not authorized for use as critical components in life support systems.
[cuidevices.com](https://www.cuidevices.com/)
# MODEL: MJ-3536N | DESCRIPTION: AUDIO JACK
## FEATURES
· Flashed bushing
· Internal tip switch
## SPECIFICATIONS
· Rated input voltage: 12 Vdc
· Rated input current: 1 A
· Contact resistance (terminal to mating plug): 50 mΩ
· Contact resistance (terminal in closed circuit): 30 mΩ
· Insulation resistance: 100 MΩ
· Voltage withstand: 500 Vac
· Insertion/withdrawal force: 0.3 - 3 kg
· Operating temperature: -25 - 85 °C
· Life: 5,000 cycles
· Flammability rating: UL94V-0
· RoHS compliant
## SOLDERABILITY
· Wave soldering: 255 - 265 °C (dipped in solder pot for 5 ±0.5 seconds)
## MECHANICAL DRAWING
· Mating plug diameter: 3.5 mm
· Tolerance: ±0.15 mm (overall), ±0.05 mm (PCB)
· Material:
- Terminal 1: Brass, silver plating
- Terminal 2: Brass, silver plating
- Terminal 2: Brass, silver plating
- Bushing: Brass, tin plating
- Housing: PA (UL94V-0), black
· Pinout:
- 1: Sleeve
- 2: Tip
- 3: Tip switch
## REVISION HISTORY
· 1.0 (11/17/2005): Initial release
· 1.01 (10/07/2010): Added PCB slot dimensions
· 1.02 (02/10/2020): Brand update
· 1.03 (04/11/2023): Product reengineered for improved manufacturability and production yield.
## WARRANTY & DISCLAIMERS
· One (1) year limited warranty
· Subject to change without notice
· Not authorized for use as critical components in life support systems.
[cuidevices.com](https://www.cuidevices.com/)
| Part No. | MJ-3536N |
| Manufacturer | CUID |
| Size | 447 Kbytes |
| Pages | 3 pages |
| Description | AUDIO JACK |