công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393DRE4
MfrTI
Size458 Kbytes
Pages18 pages
DescriptionDUAL DIFFERENTIAL COMPARATORS
Datasheet SummaryAI
# LM193/LM293/LM393 Series Comparators

## Description
These devices consist of two independent voltage comparators designed to operate from a single power supply, with operation also possible from dual supplies. Outputs can be connected for wired-AND relationships.

## Electrical Characteristics (General)
️· Supply Voltage (VCC): Up to 36V
️· Input Offset Voltage: 2mV (Typ) for LM193, 1mV (Typ) for LM293A/LM393A.
️· Input Offset Current: 3nA (Typ) for LM193.
️· Common-Mode Input Voltage Range: Includes Ground
️· Differential Input Voltage Range: Equal to Maximum Rated Supply Voltage (±36V)
️· Output Saturation Voltage: Low. Compatible with TTL, MOS, and CMOS.

## Ordering Information
Available in various packages (PDIP, SOIC, TSSOP, LCCC, CDIP, etc.) with different temperature ranges.

## Absolute Maximum Ratings
️· Supply Voltage: 36V
️· Operating Temperature Range: -55°C to +125°C (depending on the specific part number).

## Key Features
️· Two independent comparators per IC.
️· Operates from single or dual power supplies.
️· Low supply current drain.
️· Low input bias and offset currents.
️· Compatible with digital logic families.
LM393DRE4 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393DRE4 Datasheet.
    Example questions: ➤ What is the common-mode input voltage range for the lm293a/lm393a at 25°c?➤ What is the typical supply current (icc) for the lm293a/lm393a when vcc is 5v and rl is infinite?➤ What is the maximum supply voltage (vcc) specified for the lm293a/lm393a in the provided datasheet excerpts?
  • Datasheet Details
    Part No.LM393DRE4
    ManufacturerTI
    Size458 Kbytes
    Pages18 pages
    DescriptionDUAL DIFFERENTIAL COMPARATORS
    Datasheet Summary AI Expand summary
    # LM193/LM293/LM393 Series Comparators

    ## Description
    These devices consist of two independent voltage comparators designed to operate from a single power supply, with operation also possible from dual supplies. Outputs can be connected for wired-AND relationships.

    ## Electrical Characteristics (General)
    ️· Supply Voltage (VCC): Up to 36V
    ️· Input Offset Voltage: 2mV (Typ) for LM193, 1mV (Typ) for LM293A/LM393A.
    ️· Input Offset Current: 3nA (Typ) for LM193.
    ️· Common-Mode Input Voltage Range: Includes Ground
    ️· Differential Input Voltage Range: Equal to Maximum Rated Supply Voltage (±36V)
    ️· Output Saturation Voltage: Low. Compatible with TTL, MOS, and CMOS.

    ## Ordering Information
    Available in various packages (PDIP, SOIC, TSSOP, LCCC, CDIP, etc.) with different temperature ranges.

    ## Absolute Maximum Ratings
    ️· Supply Voltage: 36V
    ️· Operating Temperature Range: -55°C to +125°C (depending on the specific part number).

    ## Key Features
    ️· Two independent comparators per IC.
    ️· Operates from single or dual power supplies.
    ️· Low supply current drain.
    ️· Low input bias and offset currents.
    ️· Compatible with digital logic families.