công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS1240AL-S08-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LS1240AL-S08-R Datasheet

  • # Example questions: ➢ What is the typical supply voltage for the ls1240a as indicated in the electrical characteristics table?
    ➢ What is the recommended minimum load impedance for the output stage of the ls1240a?
    ➢ What is the maximum storage temperature for the ls1240a?

  • Part No.LS1240AL-S08-R
    ManufacturerUTC
    Size223 Kbytes
    Pages5 pages
    DescriptionELECTRONIC TONE RINGER WITH BUILT-IN BRIDGE RECTIFIER
    Datasheet Summary with AI

    # LS1240A Linear Integrated Circuit

    ## Electronic Tone Ringer

    Description
    · Monolithic integrated circuit designed as a telephone ringer.
    · Drives piezo-ceramic converters (buzzers) directly.
    · Higher output current capacity than standard ringers.
    · Can drive dynamic loudspeakers with a decoupling capacitor.

    Features
    · Low current consumption
    · Integrated rectifier bridge with overvoltage protection (zener diodes).
    · Minimal external circuitry required.
    · Adjustable tone and switching frequencies via external components.
    · Integrated voltage and current hysteresis.

    Pin Configuration
    · 1: LINE (B-wire)
    · 2: GND (Ground)
    · 3: Csw (Sweep rate control capacitor)
    · 4: Ra (Output frequency control resistor)
    · 5: OUT (Buzzer)
    · 6: NULL (Not connected)
    · 7: Cr (Rectifier capacitor)
    · 8: LINE (A-wire)

    Ordering Information
    · Packages: DIP-8, SOP-8
    · Packing: Tube, Tape Reel

    Absolute Maximum Ratings
    · Calling Voltage (Continuous): 120 V RMS
    · Calling Voltage (5s ON/10s OFF): 200 V RMS
    · Supply Current: 30 mA
    · Operating Temperature: -40 to +70 °C
    · Storage Temperature: -65 to +150 °C

    Electrical Characteristics (TA = 25°C)
    · Supply Voltage: 26V
    · Current Consumption (no load): 1.5 - 1.8 mA
    · Activation Voltage: 12-13.5V
    · Sustaining Voltage: 7.8-9.3V
    · Output Voltage Swing: VS-5V
    · Short Circuit Current: 70mA (VS=20V, RL=250Ω)
    · Output Frequencies: 1.55-2.53 kHz
    · Sweep Frequency: 5.25-9.75 Hz (C1=100nF, R1=14kΩ)
    · Programming Resistor Range: 8-56 kΩ

    Application Notes
    · Minimum load impedance of 50 ohms is advised.
    · Tone frequencies and switching frequency are adjustable.
    · Designed to be immune to line noise.

    # LS1240A Linear Integrated Circuit

    ## Electronic Tone Ringer

    Description
    · Monolithic integrated circuit designed as a telephone ringer.
    · Drives piezo-ceramic converters (buzzers) directly.
    · Higher output current capacity than standard ringers.
    · Can drive dynamic loudspeakers with a decoupling capacitor.

    Features
    · Low current consumption
    · Integrated rectifier bridge with overvoltage protection (zener diodes).
    · Minimal external circuitry required.
    · Adjustable tone and switching frequencies via external components.
    · Integrated voltage and current hysteresis.

    Pin Configuration
    · 1: LINE (B-wire)
    · 2: GND (Ground)
    · 3: Csw (Sweep rate control capacitor)
    · 4: Ra (Output frequency control resistor)
    · 5: OUT (Buzzer)
    · 6: NULL (Not connected)
    · 7: Cr (Rectifier capacitor)
    · 8: LINE (A-wire)

    Ordering Information
    · Packages: DIP-8, SOP-8
    · Packing: Tube, Tape Reel

    Absolute Maximum Ratings
    · Calling Voltage (Continuous): 120 V RMS
    · Calling Voltage (5s ON/10s OFF): 200 V RMS
    · Supply Current: 30 mA
    · Operating Temperature: -40 to +70 °C
    · Storage Temperature: -65 to +150 °C

    Electrical Characteristics (TA = 25°C)
    · Supply Voltage: 26V
    · Current Consumption (no load): 1.5 - 1.8 mA
    · Activation Voltage: 12-13.5V
    · Sustaining Voltage: 7.8-9.3V
    · Output Voltage Swing: VS-5V
    · Short Circuit Current: 70mA (VS=20V, RL=250Ω)
    · Output Frequencies: 1.55-2.53 kHz
    · Sweep Frequency: 5.25-9.75 Hz (C1=100nF, R1=14kΩ)
    · Programming Resistor Range: 8-56 kΩ

    Application Notes
    · Minimum load impedance of 50 ohms is advised.
    · Tone frequencies and switching frequency are adjustable.
    · Designed to be immune to line noise.

    Part No.LS1240AL-S08-R
    ManufacturerUTC
    Size223 Kbytes
    Pages5 pages
    DescriptionELECTRONIC TONE RINGER WITH BUILT-IN BRIDGE RECTIFIER