| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CCG-1206 Datasheet
# Example questions:
➢ How does the operating temperature range differ from the storage temperature range for this magnetic buzzer?
➢ What is the typical sound pressure level of this buzzer when operating at its rated voltage and frequency?
➢ What are the recommended wave soldering temperature parameters for this component, specifically the maximum temperature and time?
# MODEL: CCG-1206 | DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
FEATURES
· through hole
· 5 V rated
· externally driven
SPECIFICATIONS
| parameter | conditions/description | min typ max units | |
|---|---|---|---|
| rated voltage | 5.0 | Vo-p | |
| operating voltage | 4.0 8.0 Vo-p | ||
| current consumption (at 2,400 Hz square wave, ½ duty) | 50 mA | ||
| rated frequency | 2,400 Hz | ||
| sound pressure level (at 10 cm, 2,400 Hz square wave, ½ duty) | 85 91 dBA | ||
| coil resistance | 36.0 42.0 48.0 Ω | ||
| dimensions | Ø12.0 x 9.5 mm | ||
| weight | 1.6 g | ||
| material | PBT+15% GF | ||
| terminal pin type | Sn plating | ||
| operating temperature | -35 °C | 75 °C | |
| storage temperature | -40 °C | 85 °C | |
| washable | yes | ||
| RoHS | yes |
| parameter | conditions/description | min | typ | max | units |
|---|---|---|---|---|---|
| hand soldering | max 2 seconds | 330 | 380 | °C | |
| wave soldering | see wave solder profile | 255 | 265 | °C |
| rev. | description | date |
|---|---|---|
| 1.0 | initial release | 03/19/2007 |
| 1.01 | brand update | 02/04/2020 |
| 1.02 | modified housing | 09/15/2021 |
| 1.03 | logo, datasheet style update | 08/05/2022 |
# MODEL: CCG-1206 | DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
FEATURES
· through hole
· 5 V rated
· externally driven
SPECIFICATIONS
| parameter | conditions/description | min typ max units | |
|---|---|---|---|
| rated voltage | 5.0 | Vo-p | |
| operating voltage | 4.0 8.0 Vo-p | ||
| current consumption (at 2,400 Hz square wave, ½ duty) | 50 mA | ||
| rated frequency | 2,400 Hz | ||
| sound pressure level (at 10 cm, 2,400 Hz square wave, ½ duty) | 85 91 dBA | ||
| coil resistance | 36.0 42.0 48.0 Ω | ||
| dimensions | Ø12.0 x 9.5 mm | ||
| weight | 1.6 g | ||
| material | PBT+15% GF | ||
| terminal pin type | Sn plating | ||
| operating temperature | -35 °C | 75 °C | |
| storage temperature | -40 °C | 85 °C | |
| washable | yes | ||
| RoHS | yes |
| parameter | conditions/description | min | typ | max | units |
|---|---|---|---|---|---|
| hand soldering | max 2 seconds | 330 | 380 | °C | |
| wave soldering | see wave solder profile | 255 | 265 | °C |
| rev. | description | date |
|---|---|---|
| 1.0 | initial release | 03/19/2007 |
| 1.01 | brand update | 02/04/2020 |
| 1.02 | modified housing | 09/15/2021 |
| 1.03 | logo, datasheet style update | 08/05/2022 |
| Part No. | CCG-1206 |
| Manufacturer | CUID |
| Size | 586 Kbytes |
| Pages | 4 pages |
| Description | MAGNETIC BUZZER TRANSDUCER |