| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ECM-CFS-H310 Datasheet
# Example questions:
➢ What is the maximum storage capacity supported by the system memory?
➢ How does the multiple display support differ between the q370 and h310 chipsets?
➢ What are the operating and storage temperature ranges for this single board computer?
# ECM-CFS 8th/9th Gen Coffee Lake-S 3.5” Micro Module
## Features
️· Supports 8th/9th Gen Intel® Coffee Lake-S CoreTM/Pentium®/Celeron® Processors
️· Intel® Q370/H310 Express Chipset
️· Intel® UHD Graphics 630/610
️· Single DRAM Socket: Up to 32GB DDR4 2666MHz
️· Triple Display (2 x HDMI, LVDS)
️· USB Ports: 2 x USB 2.0, 4 x USB 3.1 (Q370 Gen2, H310 Gen1)
️· Expansion: mini-PCIe (mSATA)
️· Storage: 2 x SATA III
️· Networking: Dual Gigabit Ethernet
️· Audio: HD Audio Code
️· RAID: 0/1 support
️· Optional TPM 2.0
## Specifications
Mechanical & Environmental
️· Power: +12V
️· Power Support: ACPI Single Power ATX (S0, S3, S4, S5)
️· Operating Temperature: 0°C ~ 60°C (32°F ~ 140°F)
️· Storage Temperature: -40°C ~ 75°C (-40°F ~ 167°F)
️· Operating Humidity: 40°C @ 95% Relative Humidity (Non-condensing)
️· Form Factor: 3.5" Single Board Computer (SBC)
️· Dimensions: 5.7" x 4" (146mm x 101mm)
️· Weight: 0.44 lbs (0.2kg)
️· Vibration Test: 5Grms (IEC 60068-2-64)
️· Shock Test: 20Grms (IEC 60068-2-27)
️· Drop Test: ISTA 2A, IEC-60068-2-32
System
️· CPU Options: Intel® Core™ i7/i5/i3/Pentium®/Celeron® (8th/9th Gen)
️· Chipset: Intel® Q370/H310 Express
️· Memory: 1 x 260-Pin SODIMM Socket, up to 32GB DDR4 2400/2666MHz
️· Audio: Realtek ALC892 (5.1-CH)
️· Ethernet: Intel® I211AT/I219LM Gigabit Ethernet
️· Expansion: 1 x mini-PCIe (mSATA)
️· Storage: 1 x mSATA, 2 x SATA III
️· Watchdog Timer: H/W Reset (1sec ~ 65535sec)
️· OS Support: Win 10, Linux
Display
️· HDMI: Dual HDMI 1.4 (Max. Resolution: 4096x2304@30Hz)
️· LVDS: Max. Resolution: 1920x1080@60Hz
️· Multiple Display: Q370 supports Triple Display, H310 supports Dual Display
I/O
️· LVDS: 1 x LVDS
️· COM: 1 x RS232
️· SATA: 2 x SATA III
️· MIO: 1 x LPC, 1 x SPI, 4-pin CPU Fan, CMOS Battery
## Ordering Information
️· ECM-CFS-Q370: 3.5" Intel® Q370 PCH/LGA 1151 CPU Socket
️· ECM-CFS-H310: 3.5" Intel® H310 PCH/LGA 1151 CPU Socket
# ECM-CFS 8th/9th Gen Coffee Lake-S 3.5” Micro Module
## Features
️· Supports 8th/9th Gen Intel® Coffee Lake-S CoreTM/Pentium®/Celeron® Processors
️· Intel® Q370/H310 Express Chipset
️· Intel® UHD Graphics 630/610
️· Single DRAM Socket: Up to 32GB DDR4 2666MHz
️· Triple Display (2 x HDMI, LVDS)
️· USB Ports: 2 x USB 2.0, 4 x USB 3.1 (Q370 Gen2, H310 Gen1)
️· Expansion: mini-PCIe (mSATA)
️· Storage: 2 x SATA III
️· Networking: Dual Gigabit Ethernet
️· Audio: HD Audio Code
️· RAID: 0/1 support
️· Optional TPM 2.0
## Specifications
Mechanical & Environmental
️· Power: +12V
️· Power Support: ACPI Single Power ATX (S0, S3, S4, S5)
️· Operating Temperature: 0°C ~ 60°C (32°F ~ 140°F)
️· Storage Temperature: -40°C ~ 75°C (-40°F ~ 167°F)
️· Operating Humidity: 40°C @ 95% Relative Humidity (Non-condensing)
️· Form Factor: 3.5" Single Board Computer (SBC)
️· Dimensions: 5.7" x 4" (146mm x 101mm)
️· Weight: 0.44 lbs (0.2kg)
️· Vibration Test: 5Grms (IEC 60068-2-64)
️· Shock Test: 20Grms (IEC 60068-2-27)
️· Drop Test: ISTA 2A, IEC-60068-2-32
System
️· CPU Options: Intel® Core™ i7/i5/i3/Pentium®/Celeron® (8th/9th Gen)
️· Chipset: Intel® Q370/H310 Express
️· Memory: 1 x 260-Pin SODIMM Socket, up to 32GB DDR4 2400/2666MHz
️· Audio: Realtek ALC892 (5.1-CH)
️· Ethernet: Intel® I211AT/I219LM Gigabit Ethernet
️· Expansion: 1 x mini-PCIe (mSATA)
️· Storage: 1 x mSATA, 2 x SATA III
️· Watchdog Timer: H/W Reset (1sec ~ 65535sec)
️· OS Support: Win 10, Linux
Display
️· HDMI: Dual HDMI 1.4 (Max. Resolution: 4096x2304@30Hz)
️· LVDS: Max. Resolution: 1920x1080@60Hz
️· Multiple Display: Q370 supports Triple Display, H310 supports Dual Display
I/O
️· LVDS: 1 x LVDS
️· COM: 1 x RS232
️· SATA: 2 x SATA III
️· MIO: 1 x LPC, 1 x SPI, 4-pin CPU Fan, CMOS Battery
## Ordering Information
️· ECM-CFS-Q370: 3.5" Intel® Q370 PCH/LGA 1151 CPU Socket
️· ECM-CFS-H310: 3.5" Intel® H310 PCH/LGA 1151 CPU Socket
| Part No. | ECM-CFS-H310 |
| Manufacturer | BCM |
| Size | 446 Kbytes |
| Pages | 1 page |
| Description | 8th/9th Gen Coffee Lake-S 3.5” Micro Module |