Core Functionality:
️· Dual 4-bit Counter: The chip contains two independent 4-bit binary counters.
️· Ripple Counter: The counters are "ripple" type, meaning the output of one stage drives the clock input of the next, introducing a propagation delay.
️· Synchronous Reset: A master reset input (nMR) allows both counters to be reset simultaneously.
Key Features & Specifications:
️· Logic Family: 74LV (Low-Voltage) - Designed for 1.5V to 5.5V operation.
️· Input Voltage: The chip can work with supply voltages in the range of 1.5V to 5.5V.
️· Operating Temperature: Specific temperature ranges are defined for reliable operation.
️· Propagation Delay: Detailed timing information for various signal transitions (clock to output, reset time, etc.) is provided.
️· Maximum Clock Frequency: The datasheet specifies the maximum clock frequency at which the counter will operate reliably.
️· Power Dissipation: Information about the chip's power consumption.
Package Options:
️· The datasheet details various package types available for the 74LV393, including:
- DIP14 (Plastic Dual In-line Package)
- SO14 (Small Outline Package)
- SSOP14 (Shrink Small Outline Package)
- TSSOP14 (Thin Shrink Small Outline Package)
Detailed Information Provided:
️· DC Characteristics: Tables defining minimum and maximum values for input/output voltages, currents, etc.
️· AC Characteristics: Timing diagrams and specifications for signal propagation delays, rise/fall times, and clock frequencies.
️· Test Conditions: Specifies the conditions under which the parameters were measured.
️· Functional Description: Explains the operation of the counter.
️· Logic Diagram: A schematic representation of the internal circuitry.
️· Pin Configuration: A diagram showing the function of each pin.
️· Application Notes: Information for proper usage and best practices.
Important Notes:
️· The datasheet includes disclaimers regarding life support applications.
️· It provides contact information for Philips Semiconductors/NXP.
In essence, this document serves as a comprehensive technical reference for engineers and hobbyists who need to use the 74LV393 counter in their designs. It contains all the necessary electrical and mechanical specifications to ensure proper operation and integration of the chip.