công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.LM393DG
MfrONSEMI
Size115 Kbytes
Pages10 pages
DescriptionLow Offset Voltage Dual Comparators
Datasheet SummaryAI
1. Device Overview:

️· What they are: These are dual comparator integrated circuits. Comparators are used to compare two voltages and output a signal based on the comparison. They're used in a wide range of applications.
️· Manufacturers: This document likely originates from ON Semiconductor (formerly Motorola/Freescale).

2. Key Features & Specifications (General to all devices, but specifics vary by model - see ordering information):

️· Dual Comparators: They contain two independent comparators in a single package.
️· Wide Voltage Range: They operate over a broad supply voltage range (often specified in the full datasheet, which isn's provided).
️· Input Offset Voltage: These comparators have relatively low input offset voltage, which is important for precision measurements.
️· Applications: They're used in threshold detection, voltage comparators, zero-crossing detection, logic circuits, and many more applications.

3. Package Information:

️· Available Packages: The devices are available in the following packages:
- PDIP-8 (Plastic DIP)
- SOIC-8 (Small Outline Integrated Circuit)
- Micro8 (Surface Mount)
️· Dimensions: Detailed package dimensions are provided (PDIP-8 specifically) for reference.

4. Marking Diagrams:

️· How to identify: The marking diagrams explain how to read the markings on the package to determine the part number, date code, and manufacturing location.
- 'x' represents a digit.
- 'A' represents the assembly location.
- 'WL' represents the wafer lot.
- 'YY' represents the year.
- 'WW' represents the work week.

5. Ordering Information:

️· Part Numbers: A table lists various part numbers with different suffixes representing package type, lead finishing, and tape and reel options.
️· Lead Finishing: Some part numbers have "G" in the suffix, indicating lead-free (Pb-free) packaging.
️· NCV2903: This is a variant specifically designed and qualified for automotive applications.

6. Important Notes:

️· Datasheet: The document mentions that full specifications and detailed electrical characteristics are found in the full datasheet (which is not included in this document).
️· Automotive Qualification: The NCV2903 is a significant differentiator, intended for use in automotive systems requiring higher reliability.
LM393DG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393DG Datasheet.
    Example questions: ➤ What are the key differences between the soic-8 and micro8 packages for these devices?➤ ). explain what these suffixes signify in terms of packaging type and lead-free status.➤ What is the operating temperature range for the lm2903v, and is it suitable for automotive applications?
  • Datasheet Details
    Part No.LM393DG
    ManufacturerONSEMI
    Size115 Kbytes
    Pages10 pages
    DescriptionLow Offset Voltage Dual Comparators
    Datasheet Summary AI Expand summary
    1. Device Overview:

    ️· What they are: These are dual comparator integrated circuits. Comparators are used to compare two voltages and output a signal based on the comparison. They're used in a wide range of applications.
    ️· Manufacturers: This document likely originates from ON Semiconductor (formerly Motorola/Freescale).

    2. Key Features & Specifications (General to all devices, but specifics vary by model - see ordering information):

    ️· Dual Comparators: They contain two independent comparators in a single package.
    ️· Wide Voltage Range: They operate over a broad supply voltage range (often specified in the full datasheet, which isn's provided).
    ️· Input Offset Voltage: These comparators have relatively low input offset voltage, which is important for precision measurements.
    ️· Applications: They're used in threshold detection, voltage comparators, zero-crossing detection, logic circuits, and many more applications.

    3. Package Information:

    ️· Available Packages: The devices are available in the following packages:
    - PDIP-8 (Plastic DIP)
    - SOIC-8 (Small Outline Integrated Circuit)
    - Micro8 (Surface Mount)
    ️· Dimensions: Detailed package dimensions are provided (PDIP-8 specifically) for reference.

    4. Marking Diagrams:

    ️· How to identify: The marking diagrams explain how to read the markings on the package to determine the part number, date code, and manufacturing location.
    - 'x' represents a digit.
    - 'A' represents the assembly location.
    - 'WL' represents the wafer lot.
    - 'YY' represents the year.
    - 'WW' represents the work week.

    5. Ordering Information:

    ️· Part Numbers: A table lists various part numbers with different suffixes representing package type, lead finishing, and tape and reel options.
    ️· Lead Finishing: Some part numbers have "G" in the suffix, indicating lead-free (Pb-free) packaging.
    ️· NCV2903: This is a variant specifically designed and qualified for automotive applications.

    6. Important Notes:

    ️· Datasheet: The document mentions that full specifications and detailed electrical characteristics are found in the full datasheet (which is not included in this document).
    ️· Automotive Qualification: The NCV2903 is a significant differentiator, intended for use in automotive systems requiring higher reliability.