1. Device Overview:
️· What they are: These are dual comparator integrated circuits. Comparators are used to compare two voltages and output a signal based on the comparison. They're used in a wide range of applications.
️· Manufacturers: This document likely originates from ON Semiconductor (formerly Motorola/Freescale).
2. Key Features & Specifications (General to all devices, but specifics vary by model - see ordering information):
️· Dual Comparators: They contain two independent comparators in a single package.
️· Wide Voltage Range: They operate over a broad supply voltage range (often specified in the full datasheet, which isn's provided).
️· Input Offset Voltage: These comparators have relatively low input offset voltage, which is important for precision measurements.
️· Applications: They're used in threshold detection, voltage comparators, zero-crossing detection, logic circuits, and many more applications.
3. Package Information:
️· Available Packages: The devices are available in the following packages:
- PDIP-8 (Plastic DIP)
- SOIC-8 (Small Outline Integrated Circuit)
- Micro8 (Surface Mount)
️· Dimensions: Detailed package dimensions are provided (PDIP-8 specifically) for reference.
4. Marking Diagrams:
️· How to identify: The marking diagrams explain how to read the markings on the package to determine the part number, date code, and manufacturing location.
- 'x' represents a digit.
- 'A' represents the assembly location.
- 'WL' represents the wafer lot.
- 'YY' represents the year.
- 'WW' represents the work week.
5. Ordering Information:
️· Part Numbers: A table lists various part numbers with different suffixes representing package type, lead finishing, and tape and reel options.
️· Lead Finishing: Some part numbers have "G" in the suffix, indicating lead-free (Pb-free) packaging.
️· NCV2903: This is a variant specifically designed and qualified for automotive applications.
6. Important Notes:
️· Datasheet: The document mentions that full specifications and detailed electrical characteristics are found in the full datasheet (which is not included in this document).
️· Automotive Qualification: The NCV2903 is a significant differentiator, intended for use in automotive systems requiring higher reliability.