| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CDM806 Datasheet
# Example questions:
➢ What is the maximum current rating for a 3-pole cdm806 connector?
➢ What material is used for the housing of the cdm806 connector, and what is its flammability rating?
➢ How does the tolerance for mechanical dimensions change as the value of 'x' increases beyond 6.0 mm?
# SERIES: CDM806 | DESCRIPTION: M8 CONNECTOR
## FEATURES
· M8 male connector
· A & B code versions
· Panel mount
· IP67 rating
## SPECIFICATIONS
· Rated Voltage: 60V (3 & 1 pole), 30V (5, 6 & 1 pole)
· Rated Current: 3A (3, 1 & 1 pole), 1.5A (1 & 1 pole)
· Withstanding Voltage: 1,500 Vac for 1 minute
· Contact Resistance: 10 mΩ
· Insulation Resistance: 100 MΩ at 500 Vdc for 1 minute
· Insertion/Withdrawal Force: 0.3-1.5 kgf
· Operating Temperature: -25 to 80°C
· Life: 100 cycles
· Safety Approvals: Compliant with IEC61076-2-104
· Flammability Rating: See material table
· RoHS: Yes
· Packaging: Tray (80 pcs), Carton (1680 pcs)
· Hand Soldering: 260-300 °C for max 3 seconds
## PART NUMBER KEY
· CDM806 - XXX - MP - F011 - 67
· No. of Poles:
- 03A = 3 (A-Coding)
- 04A = 4 (A-Coding)
- 05B = 5 (B-Coding)
- 06A = 6 (A-Coding)
- 08A = 8 (A-Coding)
## MECHANICAL DRAWING
· Units: mm
· Tolerance: ±0.1 mm (0.5<X≤6.0), ±0.2 mm (6.0<X≤30.0)
· Materials & Plating: Brass, Nickel, Gold, PA66 (UL94V-0), Epoxy Resin, FKM
· Pin Diameter: 1.0 mm (poles 3-5), 0.7 mm (pole 6), 0.6 mm (pole 1)
## REVISION HISTORY
· 1.0 (07/19/2022): Initial release
· 1.01 (08/05/2022): Logo & Datasheet style update
## WARRANTY & DISCLAIMERS
· One (1) year limited warranty
· Not authorized for use as critical components in life support devices
# SERIES: CDM806 | DESCRIPTION: M8 CONNECTOR
## FEATURES
· M8 male connector
· A & B code versions
· Panel mount
· IP67 rating
## SPECIFICATIONS
· Rated Voltage: 60V (3 & 1 pole), 30V (5, 6 & 1 pole)
· Rated Current: 3A (3, 1 & 1 pole), 1.5A (1 & 1 pole)
· Withstanding Voltage: 1,500 Vac for 1 minute
· Contact Resistance: 10 mΩ
· Insulation Resistance: 100 MΩ at 500 Vdc for 1 minute
· Insertion/Withdrawal Force: 0.3-1.5 kgf
· Operating Temperature: -25 to 80°C
· Life: 100 cycles
· Safety Approvals: Compliant with IEC61076-2-104
· Flammability Rating: See material table
· RoHS: Yes
· Packaging: Tray (80 pcs), Carton (1680 pcs)
· Hand Soldering: 260-300 °C for max 3 seconds
## PART NUMBER KEY
· CDM806 - XXX - MP - F011 - 67
· No. of Poles:
- 03A = 3 (A-Coding)
- 04A = 4 (A-Coding)
- 05B = 5 (B-Coding)
- 06A = 6 (A-Coding)
- 08A = 8 (A-Coding)
## MECHANICAL DRAWING
· Units: mm
· Tolerance: ±0.1 mm (0.5<X≤6.0), ±0.2 mm (6.0<X≤30.0)
· Materials & Plating: Brass, Nickel, Gold, PA66 (UL94V-0), Epoxy Resin, FKM
· Pin Diameter: 1.0 mm (poles 3-5), 0.7 mm (pole 6), 0.6 mm (pole 1)
## REVISION HISTORY
· 1.0 (07/19/2022): Initial release
· 1.01 (08/05/2022): Logo & Datasheet style update
## WARRANTY & DISCLAIMERS
· One (1) year limited warranty
· Not authorized for use as critical components in life support devices
| Part No. | CDM806 |
| Manufacturer | CUID |
| Size | 364 Kbytes |
| Pages | 3 pages |
| Description | M8 CONNECTOR |