| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TSOP131..P16TR Datasheet
# Example questions:
➢ The text mentions correlations with standard illuminants (4 klx and 8.2 klx). what is 'klx' a unit of, and why is it relevant to the device's performance?
➢ Several figures and data tables are present. what units are used for the x and y axes in the 'fig. 6 - sensitivity in bright ambient' graph?
➢ What is the relationship between ambient light levels (ee) and the sensitivity of the device at different frequencies (f = 100 hz, 10 khz, 30 khz)?
# TSOP131..P16TR, TSOP133..P16TR, TSOP135..P16TR IR Receiver Modules
## Description
IR receiver modules optimized for short burst remote control systems. Utilize IC settings (AGC variants) for performance tuning, balancing noise suppression and code compatibility. Contain a PIN diode, preamplifier, and IR filter. Output signal connects directly to a microprocessor. Not qualified for automotive use.
## Features
· Individual IC settings for maximum performance
· Noise immunity (lamps, LCD TV, Wi-Fi)
· Low supply current
· Integrated photodetector and preamplifier
· Supply voltage: 2.0 V to 5.5 V
## Applications
· Infrared remote control systems
## Electrical Characteristics
· Supply Voltage: 2.0 - 5.5 V
· Supply Current: 0.25 - 0.45 mA
· Transmission Distance: Up to 39m
· Minimum Irradiance: 0.05 - 0.2 mW/m2 (depending on code)
## Ordering Information
· Packaged 500 pieces per reel.
· Ordering code: TSOP13...P16TR (where "..." denotes frequency and AGC variant).
## Mechanical Data
· Pinout: 1 = OUT, 2 = GND, 3 = VS
· Dimensions: 5.4W x 6.35H x 4.9D mm
## Parts Table (Examples)
· Frequency options: 30kHz, 33kHz, 36kHz, 38kHz, 40kHz, 56kHz
· AGC options: AGC1 (basic noise suppression), AGC3 (enhanced), AGC5 (maximized)
## Suitable Data Format
· Minimum burst length: 6 cycles/burst
· Gap time requirements between bursts.
· Maximum continuous short bursts/second: 2100
· Compatible with RCMM, RECS-80, r-map, and XMP codes.
## Assembly Instructions
· Reflow soldering recommended within 72 hours of opening the dry pack. Max temp 260°C.
· Manual soldering: Use < 25W iron, finish in <3s.
# TSOP131..P16TR, TSOP133..P16TR, TSOP135..P16TR IR Receiver Modules
## Description
IR receiver modules optimized for short burst remote control systems. Utilize IC settings (AGC variants) for performance tuning, balancing noise suppression and code compatibility. Contain a PIN diode, preamplifier, and IR filter. Output signal connects directly to a microprocessor. Not qualified for automotive use.
## Features
· Individual IC settings for maximum performance
· Noise immunity (lamps, LCD TV, Wi-Fi)
· Low supply current
· Integrated photodetector and preamplifier
· Supply voltage: 2.0 V to 5.5 V
## Applications
· Infrared remote control systems
## Electrical Characteristics
· Supply Voltage: 2.0 - 5.5 V
· Supply Current: 0.25 - 0.45 mA
· Transmission Distance: Up to 39m
· Minimum Irradiance: 0.05 - 0.2 mW/m2 (depending on code)
## Ordering Information
· Packaged 500 pieces per reel.
· Ordering code: TSOP13...P16TR (where "..." denotes frequency and AGC variant).
## Mechanical Data
· Pinout: 1 = OUT, 2 = GND, 3 = VS
· Dimensions: 5.4W x 6.35H x 4.9D mm
## Parts Table (Examples)
· Frequency options: 30kHz, 33kHz, 36kHz, 38kHz, 40kHz, 56kHz
· AGC options: AGC1 (basic noise suppression), AGC3 (enhanced), AGC5 (maximized)
## Suitable Data Format
· Minimum burst length: 6 cycles/burst
· Gap time requirements between bursts.
· Maximum continuous short bursts/second: 2100
· Compatible with RCMM, RECS-80, r-map, and XMP codes.
## Assembly Instructions
· Reflow soldering recommended within 72 hours of opening the dry pack. Max temp 260°C.
· Manual soldering: Use < 25W iron, finish in <3s.
| Part No. | TSOP131..P16TR |
| Manufacturer | VISHAY |
| Size | 404 Kbytes |
| Pages | 13 pages |
| Description | IR Receiver Modules for Remote Control Systems |