| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TSOP131..P10TR Datasheet
# Example questions:
➢ What is the primary topic being investigated or presented?
➢ Identify at least three different types of data or information presented in the provided text and images. be specific.
➢ How are frequency values (e.g., 100 hz, 10 khz, 30 khz) used in the context of the graphs and figures?
# TSOP131..P10TR, TSOP133..P10TR, TSOP135..P10TR IR Receiver Modules
## Description
IR receiver modules optimized for short burst remote control systems, offering various AGC (Automatic Gain Control) settings for noise suppression and code compatibility. Devices include a PIN diode, preamplifier, and IR filter. Not qualified for automotive use.
## Features
· Individual IC settings for performance optimization.
· Noise immunity (lamps, LCD TV, Wi-Fi).
· Low supply current.
· Integrated photodetector and preamplifier.
· Supply voltage: 2.0 V to 5.5 V.
## Applications
· Infrared remote control systems.
## Electrical Characteristics
· Supply Voltage: 2.0 - 5.5 V
· Supply Current: 0.25 - 0.45 mA
· Transmission Distance: Up to 39m
· Minimum Irradiance: 0.05 - 0.2 mW/m² (depending on code type)
## Mechanical Data
· Pinning: 1 = OUT, 2 = GND, 3 = VS
· Dimensions: 5.4W x 6.35H x 4.9D mm
· Packaging: Tape and Reel (500 pieces/reel)
## Ordering Options
Available with different AGC settings and carrier frequencies (30kHz, 33kHz, 36kHz, 38kHz, 40kHz, 56kHz).
## Important Notes
· Absolute maximum ratings must be adhered to prevent damage.
· Reflow soldering temperature should not exceed 260°C.
· Dry pack storage is recommended to prevent moisture absorption.
· Minimum burst length: 6 cycles/burst.
# TSOP131..P10TR, TSOP133..P10TR, TSOP135..P10TR IR Receiver Modules
## Description
IR receiver modules optimized for short burst remote control systems, offering various AGC (Automatic Gain Control) settings for noise suppression and code compatibility. Devices include a PIN diode, preamplifier, and IR filter. Not qualified for automotive use.
## Features
· Individual IC settings for performance optimization.
· Noise immunity (lamps, LCD TV, Wi-Fi).
· Low supply current.
· Integrated photodetector and preamplifier.
· Supply voltage: 2.0 V to 5.5 V.
## Applications
· Infrared remote control systems.
## Electrical Characteristics
· Supply Voltage: 2.0 - 5.5 V
· Supply Current: 0.25 - 0.45 mA
· Transmission Distance: Up to 39m
· Minimum Irradiance: 0.05 - 0.2 mW/m² (depending on code type)
## Mechanical Data
· Pinning: 1 = OUT, 2 = GND, 3 = VS
· Dimensions: 5.4W x 6.35H x 4.9D mm
· Packaging: Tape and Reel (500 pieces/reel)
## Ordering Options
Available with different AGC settings and carrier frequencies (30kHz, 33kHz, 36kHz, 38kHz, 40kHz, 56kHz).
## Important Notes
· Absolute maximum ratings must be adhered to prevent damage.
· Reflow soldering temperature should not exceed 260°C.
· Dry pack storage is recommended to prevent moisture absorption.
· Minimum burst length: 6 cycles/burst.
| Part No. | TSOP131..P10TR |
| Manufacturer | VISHAY |
| Size | 404 Kbytes |
| Pages | 13 pages |
| Description | IR Receiver Modules for Remote Control Systems |