công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSOP131..DF1P Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TSOP131..DF1P Datasheet

  • # Example questions: ➢ Identify at least two parameters that are correlated with the sensitivity measurements, as presented in the text.
    ➢ What is the wavelength of ambient illumination being referenced?
    ➢ In the graphs detailing sensitivity in bright ambient conditions, which frequencies are explicitly highlighted?

  • Part No.TSOP131..DF1P
    ManufacturerVISHAY
    Size598 Kbytes
    Pages13 pages
    DescriptionIR Receiver Modules for Remote Control Systems
    Datasheet Summary with AI

    # TSOP131..DF1P, TSOP133..DF1P, TSOP135..DF1P IR Receiver Modules

    ## Description
    These are IR receiver modules optimized for short burst remote control systems. They contain a PIN diode, preamplifier, and IR filter, outputting a demodulated signal directly compatible with microprocessors. Not qualified for automotive use.

    ## Features
    · Individual IC settings for performance optimization.
    · Noise immunity (lamps, LCD TV, Wi-Fi).
    · Low supply current.
    · Integrated photo detector and preamplifier.
    · Supply voltage: 2.0 V to 5.5 V.

    ## Applications
    · Infrared remote control systems.

    ## Electrical Characteristics
    · Supply Voltage: 2.0 - 5.5 V
    · Supply Current: 0.25 - 0.45 mA
    · Transmission Distance: Up to 39m
    · Minimum Irradiance: 0.05 - 0.2 mW/m2 (depending on code type)


    ## Ordering Information
    · Packaged in reels of 1100 pieces.
    · Ordering code format: TSOPdddDF1P (where 'ddd' represents the series and frequency).

    ## Mechanical Data
    · Pin 1 = OUT, Pin 2 = GND, Pin 3 = VS
    · Dimensions: 5.4W x 6.35H x 4.9D mm

    ## Absolute Maximum Ratings
    · Supply Voltage: -0.3 to +6 V
    · Storage/Operating Temperature: -25 to +85 °C

    # TSOP131..DF1P, TSOP133..DF1P, TSOP135..DF1P IR Receiver Modules

    ## Description
    These are IR receiver modules optimized for short burst remote control systems. They contain a PIN diode, preamplifier, and IR filter, outputting a demodulated signal directly compatible with microprocessors. Not qualified for automotive use.

    ## Features
    · Individual IC settings for performance optimization.
    · Noise immunity (lamps, LCD TV, Wi-Fi).
    · Low supply current.
    · Integrated photo detector and preamplifier.
    · Supply voltage: 2.0 V to 5.5 V.

    ## Applications
    · Infrared remote control systems.

    ## Electrical Characteristics
    · Supply Voltage: 2.0 - 5.5 V
    · Supply Current: 0.25 - 0.45 mA
    · Transmission Distance: Up to 39m
    · Minimum Irradiance: 0.05 - 0.2 mW/m2 (depending on code type)

    ## Ordering Information
    · Packaged in reels of 1100 pieces.
    · Ordering code format: TSOPdddDF1P (where 'ddd' represents the series and frequency).

    ## Mechanical Data
    · Pin 1 = OUT, Pin 2 = GND, Pin 3 = VS
    · Dimensions: 5.4W x 6.35H x 4.9D mm

    ## Absolute Maximum Ratings
    · Supply Voltage: -0.3 to +6 V
    · Storage/Operating Temperature: -25 to +85 °C

    Part No.TSOP131..DF1P
    ManufacturerVISHAY
    Size598 Kbytes
    Pages13 pages
    DescriptionIR Receiver Modules for Remote Control Systems