công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.BTL-51NRC-O2-R
MfrDBLECTRO
Size227 Kbytes
Pages3 pages
DescriptionMEGA BRIGHT LED
Datasheet SummaryAI
# MEGA BRIGHT LED - BTL-51NRC-XX-X

## Product Features & Applications
️· Features:
- Ultra Bright Normal Red Color
- High Light Output
- 5mm Diameter Circular Package
- Water Clear Lens
- Highly Reliable
- IC Compatible
- Leads without Stand Off
️· Applications:
- Automotive
- Front Panel Indicator
- Special Lighting
- General Purpose LEDs

## Electrical & Optical Characteristics (at Ta=25℃)

️· Luminous Intensity (Iv): 4000 mcd (typical), ±15% tolerance
️· Viewing Angle (2θ½): 15 degrees (typical)
️· Peak Wavelength (λD): 628 nm (typical), tolerance ±2nm
️· DC Forward Voltage (VF): 1.9 - 2.5 V (typical)
️· DC Reverse Current (IR): 0-10 µA (VR=5V)

## Absolute Maximum Ratings (at Ta=25℃)

️· Power Rating (PD): 100 mW
️· Reverse Voltage (VR): 5 V
️· Continuous Forward Current (IF): 30 mA
️· Peak Forward Current (IFP): 100 mA (0.1 duty cycle @ 1kHz)
️· Operating Temperature Range (Topr): –35 ~ + 80 ℃
️· Storage Temperature Range (Tstg): –40 ~ + 100 ℃
️· Lead Soldering Temperature: 260℃ - max 5 seconds

## Wavelength & Brightness Selection
️· Wavelength Bins (nm):
- O1: 620~625
- O2: 625~630
- O3: 630~635
- XX: 620~635
️· Brightness Bins (mcd):
- R: 2510~3265
- S: 3265~4245
- T: 4245~5515

## Packaging
️· Standard: 1000 pc bulk pack
️· Optional: Tape and Reel (specify when ordering)

Notes:
️· Product is sensitive to static electricity.
️· Specifications are subject to change.
BTL-51NRC-O2-R Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about BTL-51NRC-O2-R Datasheet.
    Example questions: ➤ What is the typical luminous intensity of this led when a forward current of 20ma is applied?➤ What are the available options for receiving this led in quantities less than the standard 1000 piece bulk pack?➤ What is the maximum allowed reverse voltage that can be applied to this led without causing damage?
  • Datasheet Details
    Part No.BTL-51NRC-O2-R
    ManufacturerDBLECTRO
    Size227 Kbytes
    Pages3 pages
    DescriptionMEGA BRIGHT LED
    Datasheet Summary AI Expand summary
    # MEGA BRIGHT LED - BTL-51NRC-XX-X

    ## Product Features & Applications
    ️· Features:
    - Ultra Bright Normal Red Color
    - High Light Output
    - 5mm Diameter Circular Package
    - Water Clear Lens
    - Highly Reliable
    - IC Compatible
    - Leads without Stand Off
    ️· Applications:
    - Automotive
    - Front Panel Indicator
    - Special Lighting
    - General Purpose LEDs

    ## Electrical & Optical Characteristics (at Ta=25℃)

    ️· Luminous Intensity (Iv): 4000 mcd (typical), ±15% tolerance
    ️· Viewing Angle (2θ½): 15 degrees (typical)
    ️· Peak Wavelength (λD): 628 nm (typical), tolerance ±2nm
    ️· DC Forward Voltage (VF): 1.9 - 2.5 V (typical)
    ️· DC Reverse Current (IR): 0-10 µA (VR=5V)

    ## Absolute Maximum Ratings (at Ta=25℃)

    ️· Power Rating (PD): 100 mW
    ️· Reverse Voltage (VR): 5 V
    ️· Continuous Forward Current (IF): 30 mA
    ️· Peak Forward Current (IFP): 100 mA (0.1 duty cycle @ 1kHz)
    ️· Operating Temperature Range (Topr): –35 ~ + 80 ℃
    ️· Storage Temperature Range (Tstg): –40 ~ + 100 ℃
    ️· Lead Soldering Temperature: 260℃ - max 5 seconds

    ## Wavelength & Brightness Selection
    ️· Wavelength Bins (nm):
    - O1: 620~625
    - O2: 625~630
    - O3: 630~635
    - XX: 620~635
    ️· Brightness Bins (mcd):
    - R: 2510~3265
    - S: 3265~4245
    - T: 4245~5515

    ## Packaging
    ️· Standard: 1000 pc bulk pack
    ️· Optional: Tape and Reel (specify when ordering)

    Notes:
    ️· Product is sensitive to static electricity.
    ️· Specifications are subject to change.