công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IXFA16N50P3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IXFA16N50P3 Datasheet

  • # Example questions: ➢ What is the maximum permissible storage temperature for this ixfa16n50p3 mosfet?
    ➢ What is the maximum drain current this mosfet can handle under continuous operating conditions?
    ➢ How does the thermal resistance, junction to case, affect the device's heat dissipation capabilities?

  • Part No.IXFA16N50P3
    ManufacturerISC
    Size333 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor IXFA16N50P3

    ## Features

    · Drain Current: I D = 16A @ T C = 25℃
    · Drain-Source Voltage: V DSS = 500V (Min)
    · Static Drain-Source On-Resistance: R DS(on) = 0.36Ω (Max) @ V GS = 10V
    · 100% avalanche tested
    · Minimum lot-to-lot variations

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 500 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 16 A
    IDM Drain Current-Single Pluse 40 A
    PD Total Dissipation @TC=25℃ 330 W
    TJ Max. Operating Junction Temperature -55~150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.38 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID= 1mA 500 -- V
    VGS(th) Gate Threshold Voltage VDS= 10V; ID= 2.5mA 3.0 5.0 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 8.0A -- 0.36 Ω
    IGSS Gate-Body Leakage Current VGS= ±30V;VDS= 0 -- ±0.1 uA
    IDSS Zero Gate Voltage Drain Current VDS= 500V; VGS= 0 -- 15.0 uA
    VSD Forward On-Voltage IS= 16A; VGS= 0 -- 1.4 V

    ## Description

    · Motor drive, DC-DC converter, power switch and solenoid drive applications.

    ## Notice

    · ISC website: [www.iscsemi.com](http://www.iscsemi.com)
    · ISC and iscsemi are registered trademarks.
    · Products are not designed for use in equipment requiring specialized quality or reliability, or hazardous environments, aerospace or medical fields.

    # isc N-Channel MOSFET Transistor IXFA16N50P3

    ## Features

    · Drain Current: I D = 16A @ T C = 25℃
    · Drain-Source Voltage: V DSS = 500V (Min)
    · Static Drain-Source On-Resistance: R DS(on) = 0.36Ω (Max) @ V GS = 10V
    · 100% avalanche tested
    · Minimum lot-to-lot variations

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 500 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 16 A
    IDM Drain Current-Single Pluse 40 A
    PD Total Dissipation @TC=25℃ 330 W
    TJ Max. Operating Junction Temperature -55~150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.38 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID= 1mA 500 -- V
    VGS(th) Gate Threshold Voltage VDS= 10V; ID= 2.5mA 3.0 5.0 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 8.0A -- 0.36 Ω
    IGSS Gate-Body Leakage Current VGS= ±30V;VDS= 0 -- ±0.1 uA
    IDSS Zero Gate Voltage Drain Current VDS= 500V; VGS= 0 -- 15.0 uA
    VSD Forward On-Voltage IS= 16A; VGS= 0 -- 1.4 V

    ## Description

    · Motor drive, DC-DC converter, power switch and solenoid drive applications.

    ## Notice

    · ISC website: [www.iscsemi.com](http://www.iscsemi.com)
    · ISC and iscsemi are registered trademarks.
    · Products are not designed for use in equipment requiring specialized quality or reliability, or hazardous environments, aerospace or medical fields.

    Part No.IXFA16N50P3
    ManufacturerISC
    Size333 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor