công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.ISCNH393D
MfrISC
Size335 Kbytes
Pages2 pages
Descriptionisc N-Channel MOSFET Transistor
Datasheet SummaryAI
# isc N-Channel MOSFET Transistor ISCNH393D

## Features

️· Drain Current (ID): 90A @ TC=25℃
️· Drain-Source Voltage (VDSS): 100V (Min)
️· Static Drain-Source On-Resistance (RDS(on)): 6mΩ (Max) @ VGS=10V
️· 100% avalanche tested
️· Minimum lot-to-lot variations for robust device performance

## Absolute Maximum Ratings (Ta=25℃)

️· VDSS (Drain-Source Voltage): 100 V
️· VGS (Gate-Source Voltage-Continuous): ±20 V
️· ID (Drain Current-Continuous): 90 A
️· PD (Total Dissipation @TC=25℃): 160 W
️· TJ (Max. Operating Junction Temperature): -55~150 ℃
️· Tstg (Storage Temperature): -55~150 ℃

## Thermal Characteristics

️· Rthj-c (Thermal Resistance, Junction to Case): 0.78 ℃/W

## Electrical Characteristics (TC=25℃)

️· V(BR)DSS (Drain-Source Breakdown Voltage): 100 V @ VGS=0; ID=0.25mA
️· VGS(th) (Gate Threshold Voltage): 2.0-4.0 V @ VDS=10V; ID=0.25mA
️· RDS(on) (Drain-Source On-Resistance): Up to 6.0 mΩ @ VGS=10V; ID=40A
️· IGSS (Gate-Body Leakage Current): Up to ±0.1 uA @ VGS= ±20V; VDS=0
️· IDSS (Zero Gate Voltage Drain Current): Up to 1.0 uA @ VDS=100V; VGS=0
️· VSD (Forward On-Voltage): Up to 1.5 V @ IS=40A; VGS=0

## Applications

️· Motor Drive
️· DC-DC Converter
️· Power Switch
️· Solenoid Drive

## Notice

️· Intended for general electronic equipment
️· Not for specialized quality/reliability or hazardous/aerospace/medical applications; contact ISC for such uses
️· ISC disclaims all liability regarding suitability for specific purposes
ISCNH393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about ISCNH393D Datasheet.
    Example questions: ➤ How does the thermal resistance, junction to case (rthj-c), affect heat dissipation from this device?➤ What is the minimum drain-source breakdown voltage (v(br)dss) under the specified test conditions?➤ What is the maximum continuous drain current (id) this mosfet can handle?
  • Datasheet Details
    Part No.ISCNH393D
    ManufacturerISC
    Size335 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary AI Expand summary
    # isc N-Channel MOSFET Transistor ISCNH393D

    ## Features

    ️· Drain Current (ID): 90A @ TC=25℃
    ️· Drain-Source Voltage (VDSS): 100V (Min)
    ️· Static Drain-Source On-Resistance (RDS(on)): 6mΩ (Max) @ VGS=10V
    ️· 100% avalanche tested
    ️· Minimum lot-to-lot variations for robust device performance

    ## Absolute Maximum Ratings (Ta=25℃)

    ️· VDSS (Drain-Source Voltage): 100 V
    ️· VGS (Gate-Source Voltage-Continuous): ±20 V
    ️· ID (Drain Current-Continuous): 90 A
    ️· PD (Total Dissipation @TC=25℃): 160 W
    ️· TJ (Max. Operating Junction Temperature): -55~150 ℃
    ️· Tstg (Storage Temperature): -55~150 ℃

    ## Thermal Characteristics

    ️· Rthj-c (Thermal Resistance, Junction to Case): 0.78 ℃/W

    ## Electrical Characteristics (TC=25℃)

    ️· V(BR)DSS (Drain-Source Breakdown Voltage): 100 V @ VGS=0; ID=0.25mA
    ️· VGS(th) (Gate Threshold Voltage): 2.0-4.0 V @ VDS=10V; ID=0.25mA
    ️· RDS(on) (Drain-Source On-Resistance): Up to 6.0 mΩ @ VGS=10V; ID=40A
    ️· IGSS (Gate-Body Leakage Current): Up to ±0.1 uA @ VGS= ±20V; VDS=0
    ️· IDSS (Zero Gate Voltage Drain Current): Up to 1.0 uA @ VDS=100V; VGS=0
    ️· VSD (Forward On-Voltage): Up to 1.5 V @ IS=40A; VGS=0

    ## Applications

    ️· Motor Drive
    ️· DC-DC Converter
    ️· Power Switch
    ️· Solenoid Drive

    ## Notice

    ️· Intended for general electronic equipment
    ️· Not for specialized quality/reliability or hazardous/aerospace/medical applications; contact ISC for such uses
    ️· ISC disclaims all liability regarding suitability for specific purposes