công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.HS1L-R7Y4KMSRP-R
MfrIDEC
Size3Mb
Pages8 pages
DescriptionHS1L Interlock Switches with Solenoid
Datasheet SummaryAI
1. Common Elements Across All Configurations:

️· Spring Lock R/D: Indicates this system includes a spring lock and a door (likely equipped with the spring lock).
️· T: Seems to designate a type or category within the relay configurations. This 'T' is repeated across most of the later configurations.
️· Main: 1NC+1NC, Door monitor: 1NC, Lock monitor: 1NC: This is a repeated configuration in several of the later options. It indicates the relay's Main contact, the contact for the door, and the contact for the lock.
️· 22, 21, 41, 42, 12, 11, 51, 52, 32, 31, 61, 62: These likely represent terminal numbers/connection points on the relay module – this isn’t fully decodable without the relay’s datasheet, but signifies how connections are made.
️· Main circuit, Monitor circuit: These are recurring terms, but without further context, they refer to circuits within the relay system, likely for both power/control and monitoring.
2. KEY CONFIGURATION VARIATIONS (by Row):

Let's classify the rows, focusing on differences and the 'T' and 'R/D' context:

️· Early Configurations (Rows 1-5): These offer a mix of Normally Open (NO) and Normally Closed (NC) contacts in the "Main," "Door Monitor," and "Lock Monitor" positions. They represent early options with different contact arrangements. `HS1L` type relay listed.
️· Later Configurations (Rows 33-52): These are configurations centered around a "T" identifier, and all use "1NC+1NC" (Normally Closed and Normally Open) as the configuration for the Main, Door, and Lock contacts. The "R/D" designation is present in these as well.

3. ITEMS STRUCK THROUGH:

️· ~~Red~~, ~~Green~~, ~~HS1L-DT44KMSR-R~~, ~~HS1L-DT44KMSR-G~~, ~~HS1L-DT44KMSRP-R~~, ~~HS1L-DT44KMSRP-G~~, ~~HS1L-DT44KMSRM-R~~: These denote items that are unavailable, outdated, or no longer applicable, and have been crossed out.

4. Likely Use Case:

This catalog is probably used by an integrator or system designer to select the appropriate relay configuration for a specific security or access control installation. The options provide flexibility in how the relay interacts with door sensors, lock mechanisms, and other related components.
HS1L-R7Y4KMSRP-R Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about HS1L-R7Y4KMSRP-R Datasheet.
    Example questions: ➤ For the 'q' type configurations, what are the possible thread sizes for the connection port?➤ In the provided data, what are the common wiring terminal numbers used for both the main circuit and the monitor circuit?➤ What is the primary difference between the 't' type and 'q' (or unspecified) type configurations regarding the door and lock monitor connections?
  • Datasheet Details
    Part No.HS1L-R7Y4KMSRP-R
    ManufacturerIDEC
    Size3Mb
    Pages8 pages
    DescriptionHS1L Interlock Switches with Solenoid
    Datasheet Summary AI Expand summary
    1. Common Elements Across All Configurations:

    ️· Spring Lock R/D: Indicates this system includes a spring lock and a door (likely equipped with the spring lock).
    ️· T: Seems to designate a type or category within the relay configurations. This 'T' is repeated across most of the later configurations.
    ️· Main: 1NC+1NC, Door monitor: 1NC, Lock monitor: 1NC: This is a repeated configuration in several of the later options. It indicates the relay's Main contact, the contact for the door, and the contact for the lock.
    ️· 22, 21, 41, 42, 12, 11, 51, 52, 32, 31, 61, 62: These likely represent terminal numbers/connection points on the relay module – this isn’t fully decodable without the relay’s datasheet, but signifies how connections are made.
    ️· Main circuit, Monitor circuit: These are recurring terms, but without further context, they refer to circuits within the relay system, likely for both power/control and monitoring.
    2. KEY CONFIGURATION VARIATIONS (by Row):

    Let's classify the rows, focusing on differences and the 'T' and 'R/D' context:

    ️· Early Configurations (Rows 1-5): These offer a mix of Normally Open (NO) and Normally Closed (NC) contacts in the "Main," "Door Monitor," and "Lock Monitor" positions. They represent early options with different contact arrangements. `HS1L` type relay listed.
    ️· Later Configurations (Rows 33-52): These are configurations centered around a "T" identifier, and all use "1NC+1NC" (Normally Closed and Normally Open) as the configuration for the Main, Door, and Lock contacts. The "R/D" designation is present in these as well.

    3. ITEMS STRUCK THROUGH:

    ️· ~~Red~~, ~~Green~~, ~~HS1L-DT44KMSR-R~~, ~~HS1L-DT44KMSR-G~~, ~~HS1L-DT44KMSRP-R~~, ~~HS1L-DT44KMSRP-G~~, ~~HS1L-DT44KMSRM-R~~: These denote items that are unavailable, outdated, or no longer applicable, and have been crossed out.

    4. Likely Use Case:

    This catalog is probably used by an integrator or system designer to select the appropriate relay configuration for a specific security or access control installation. The options provide flexibility in how the relay interacts with door sensors, lock mechanisms, and other related components.