công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BT43-RG-02 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BT43-RG-02 Datasheet

  • # Example questions: ➢ What materials are used in the construction of the activator’s housing and actuator?
    ➢ What do the red and green indications on the valve status indicator signify?
    ➢ What is the maximum shaft diameter this activator is designed to accommodate?

  • Part No.BT43-RG-02
    ManufacturerPF
    Size460 Kbytes
    Pages2 pages
    DescriptionActivator
    Datasheet Summary with AI

    # Activator BT43-RG-02

    ## Features
    ️· High-visibility valve position display
    ️· Suitable for both right and left rotating drives
    ️· Protected against contamination and damage
    ️· Tool-free mounting

    ## Technical Data
    General Specifications
    ️· Ring diameter: max. 43 mm
    ️· Ambient Temperature: -25…70 °C (-13…158 °F)
    ️· Shaft Diameter: ≤ 31 mm
    ️· Shaft Height: 0 mm
    ️· Mounting Hole Pattern: 30 x 80 mm
    ️· Mass: 109 g

    Materials
    ️· Housing: PC
    ️· Actuator: PBT
    ️· Spacer element: PBT
    ️· Mounting screw: Stainless steel 1.4305 / AISI 303
    ️· Activation target: Stainless steel 1.4305 / AISI 303 (integrated)

    Valve Status Indication
    ️· Red = CLOSED
    ️· Green = OPEN

    ## Scope of Delivery
    ️· 1 Activator for F25 series
    ️· 1 Distance element
    ️· 1 Protective cover
    ️· 1 Mounting plate with 2 cylinder head screws M5 X 13
    ️· 2 cylinder head screws M5x30 for F25 mounting
    ️· 2 cylinder head screws M5x45 for F25K mounting

    ## Dimensions
    ️· 70 ± 0.25
    ️· 120 ± 0.3
    ️· 30 ± 0.2
    ️· 52 + 0.2 - 0.4
    ️· 80 ± 0.2
    ️· M5 (2x)
    ️· ø 5.5
    ️· 5.5
    ️· 52.8
    ️· ø 41
    ️· ø 9.9
    ️· ø 13.9
    ️· 40 ± 0.1
    ️· ø 39.2 ± 0.2
    ️· ø 32 ± 0.6
    ️· ø 37.6 ± 0.6
    ️· 90°
    ️· ø 26 ± 0.3
    ️· ø 3.5 ± 0.1
    ️· 15.5 + 0.2 - 0.4
    ️· 5
    ️· 32.7
    ️· ø 6 ± 0.3
    ️· 4

    ## Compliance
    ️· VDI / VDE 3845 Standards

    # Activator BT43-RG-02

    ## Features
    ️· High-visibility valve position display
    ️· Suitable for both right and left rotating drives
    ️· Protected against contamination and damage
    ️· Tool-free mounting

    ## Technical Data
    General Specifications
    ️· Ring diameter: max. 43 mm
    ️· Ambient Temperature: -25…70 °C (-13…158 °F)
    ️· Shaft Diameter: ≤ 31 mm
    ️· Shaft Height: 0 mm
    ️· Mounting Hole Pattern: 30 x 80 mm
    ️· Mass: 109 g

    Materials
    ️· Housing: PC
    ️· Actuator: PBT
    ️· Spacer element: PBT
    ️· Mounting screw: Stainless steel 1.4305 / AISI 303
    ️· Activation target: Stainless steel 1.4305 / AISI 303 (integrated)

    Valve Status Indication
    ️· Red = CLOSED
    ️· Green = OPEN

    ## Scope of Delivery
    ️· 1 Activator for F25 series
    ️· 1 Distance element
    ️· 1 Protective cover
    ️· 1 Mounting plate with 2 cylinder head screws M5 X 13
    ️· 2 cylinder head screws M5x30 for F25 mounting
    ️· 2 cylinder head screws M5x45 for F25K mounting

    ## Dimensions
    ️· 70 ± 0.25
    ️· 120 ± 0.3
    ️· 30 ± 0.2
    ️· 52 + 0.2 - 0.4
    ️· 80 ± 0.2
    ️· M5 (2x)
    ️· ø 5.5
    ️· 5.5
    ️· 52.8
    ️· ø 41
    ️· ø 9.9
    ️· ø 13.9
    ️· 40 ± 0.1
    ️· ø 39.2 ± 0.2
    ️· ø 32 ± 0.6
    ️· ø 37.6 ± 0.6
    ️· 90°
    ️· ø 26 ± 0.3
    ️· ø 3.5 ± 0.1
    ️· 15.5 + 0.2 - 0.4
    ️· 5
    ️· 32.7
    ️· ø 6 ± 0.3
    ️· 4

    ## Compliance
    ️· VDI / VDE 3845 Standards

    Part No.BT43-RG-02
    ManufacturerPF
    Size460 Kbytes
    Pages2 pages
    DescriptionActivator