công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPSC40H12CWY Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STPSC40H12CWY Datasheet

  • # Example questions: ➢ What is the purpose of ecopack, and where can you find more information about it according to the document?
    ➢ What is the base quantity and delivery mode for the stpsc40h12cwy according to the ordering information?
    ➢ What is the recommended torque value for mounting the stpsc40h12cwy in its to-247 package?

  • Part No.STPSC40H12CWY
    ManufacturerSTMICROELECTRONICS
    Size257 Kbytes
    Pages10 pages
    Description40 A 1200 V power Schottky silicon carbide diode
    Datasheet Summary with AI

    ## Summary of STPSC40H12C-Y Datasheet

    This document is a datasheet for the STPSC40H12C-Y, a SiC Schottky diode designed for high-voltage, high-frequency power applications. Here's a breakdown of the key information:

    Key Features & Specifications:

    ️· Device Type: SiC Schottky Barrier Diode
    ️· Voltage Rating: 1200V
    ️· Current Rating: 40A
    ️· Package: TO-247
    ️· Environmental Compliance: Available in ECOPACK packages (various levels of environmental compliance).
    ️· Applications: Power factor correction (PFC), solar inverters, EV chargers, and other high-efficiency power conversion circuits.

    Key Performance Highlights:

    ️· Low forward voltage drop for improved efficiency
    ️· Fast switching speed due to SiC material.
    ️· High temperature operation.

    Ordering Information:


    ️· Order Code: STPSC40H12CWY
    ️· Marking: SC40H12CWY

    Important Notes:

    ️· The datasheet includes detailed electrical characteristics, thermal parameters, and package dimensions.
    ️· STMicroelectronics reserves the right to make changes to the product without notice.
    ️· The datasheet provides information on environmental compliance and packaging options.



    In essence, the datasheet provides all the necessary information for engineers and designers to evaluate and implement the STPSC40H12C-Y in their power electronic applications.

    ## Summary of STPSC40H12C-Y Datasheet

    This document is a datasheet for the STPSC40H12C-Y, a SiC Schottky diode designed for high-voltage, high-frequency power applications. Here's a breakdown of the key information:

    Key Features & Specifications:

    ️· Device Type: SiC Schottky Barrier Diode
    ️· Voltage Rating: 1200V
    ️· Current Rating: 40A
    ️· Package: TO-247
    ️· Environmental Compliance: Available in ECOPACK packages (various levels of environmental compliance).
    ️· Applications: Power factor correction (PFC), solar inverters, EV chargers, and other high-efficiency power conversion circuits.

    Key Performance Highlights:

    ️· Low forward voltage drop for improved efficiency
    ️· Fast switching speed due to SiC material.
    ️· High temperature operation.

    Ordering Information:

    ️· Order Code: STPSC40H12CWY
    ️· Marking: SC40H12CWY

    Important Notes:

    ️· The datasheet includes detailed electrical characteristics, thermal parameters, and package dimensions.
    ️· STMicroelectronics reserves the right to make changes to the product without notice.
    ️· The datasheet provides information on environmental compliance and packaging options.



    In essence, the datasheet provides all the necessary information for engineers and designers to evaluate and implement the STPSC40H12C-Y in their power electronic applications.

    Part No.STPSC40H12CWY
    ManufacturerSTMICROELECTRONICS
    Size257 Kbytes
    Pages10 pages
    Description40 A 1200 V power Schottky silicon carbide diode