| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 74V2T03STR Datasheet
# Example questions:
➢ What is the typical input capacitance (c in) of the 74v2t03?
➢ What is the maximum height (d) of the sot23-8l package?
➢ What is the recommended application restriction mentioned in the datasheet regarding the use of stmicroelectronics products?
## Summary of the 74VHC1G07 Datasheet
This document is a datasheet for the STMicroelectronics 74VHC1G07, a single-gate open-drain buffer with 3-State output. Here's a breakdown of the key information:
Core Function:
️· Open-Drain Buffer: This gate acts as a buffer, but the output is open-drain. This means the gate can only pull the output *low*; an external pull-up resistor is required to achieve a high output.
️· 3-State Output: The gate can be enabled (output active) or disabled (high impedance, effectively disconnected). This is controlled by the Enable (EN) input.
️· Single Gate: It's a single gate logic, meaning it offers just one buffer in a small package.
Key Features & Specs:
️· Voltage Range: Operates with a wide supply voltage range.
️· Logic Levels: Compatible with 3.3V and 5V systems.
️· High Speed: Offers relatively fast propagation delays.
️· Low Static Power Dissipation: Efficient power usage.
️· Package: Available in a small SOT23-8L package.
️· Tape and Reel Option: Available for automated assembly.
Electrical Characteristics:
️· Details provided on Input/Output Capacitance, Power Dissipation Capacitance, Propagation Delays (tPZL, tPLZ), and voltage levels.
️· Provides specifics on input and output voltage levels, static and dynamic current consumption.
Mechanical Data:
️· Includes detailed diagrams and dimensions for both the SOT23-8L package and the Tape & Reel packaging.
Application:
️· Useful as a level shifter, buffer for driving LEDs, or in applications where a tri-state output is needed.
In essence, the datasheet provides all the technical specifications and information needed to properly integrate the 74VHC1G07 into a circuit design. It's a comprehensive guide for engineers and designers working with this specific logic gate.
## Summary of the 74VHC1G07 Datasheet
This document is a datasheet for the STMicroelectronics 74VHC1G07, a single-gate open-drain buffer with 3-State output. Here's a breakdown of the key information:
Core Function:
️· Open-Drain Buffer: This gate acts as a buffer, but the output is open-drain. This means the gate can only pull the output *low*; an external pull-up resistor is required to achieve a high output.
️· 3-State Output: The gate can be enabled (output active) or disabled (high impedance, effectively disconnected). This is controlled by the Enable (EN) input.
️· Single Gate: It's a single gate logic, meaning it offers just one buffer in a small package.
Key Features & Specs:
️· Voltage Range: Operates with a wide supply voltage range.
️· Logic Levels: Compatible with 3.3V and 5V systems.
️· High Speed: Offers relatively fast propagation delays.
️· Low Static Power Dissipation: Efficient power usage.
️· Package: Available in a small SOT23-8L package.
️· Tape and Reel Option: Available for automated assembly.
Electrical Characteristics:
️· Details provided on Input/Output Capacitance, Power Dissipation Capacitance, Propagation Delays (tPZL, tPLZ), and voltage levels.
️· Provides specifics on input and output voltage levels, static and dynamic current consumption.
Mechanical Data:
️· Includes detailed diagrams and dimensions for both the SOT23-8L package and the Tape & Reel packaging.
Application:
️· Useful as a level shifter, buffer for driving LEDs, or in applications where a tri-state output is needed.
In essence, the datasheet provides all the technical specifications and information needed to properly integrate the 74VHC1G07 into a circuit design. It's a comprehensive guide for engineers and designers working with this specific logic gate.
| Part No. | 74V2T03STR |
| Manufacturer | STMICROELECTRONICS |
| Size | 128 Kbytes |
| Pages | 7 pages |
| Description | DUAL 2-INPUT OPEN DRAIN NAND GATE |