| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M5VF2-5W4W-R Datasheet
# Example questions:
➢ What is the minimum load resistance required for a 0-5 v dc output signal?
➢ What input voltage ranges are supported by the m5vf2 signal transmitter?
➢ How does the operating temperature range of -5 to +55°c affect the accuracy of the m5vf2?
# MODEL: M5VF2 - Super-mini Terminal Block Signal Conditioners
## Ordering Information
· Model Designation: M5VF2-[1][2]-R[3]
· Code Selection: Each bracketed number ([1], [2], [3]) requires a specific code.
· /Q Option: Specifies additional options (e.g., /C01, /V01)
## Input & Output Specifications
Input Voltage
· 4: 0 – 10 V DC (1 MΩ min.)
· 5: 0 – 5 V DC (1 MΩ min.)
· 6: 1 – 5 V DC (1 MΩ min.)
· 4W: -10 – +10 V DC (1 MΩ min.)
· 5W: -5 – +5 V DC (1 MΩ min.)
Output Voltage
· 4: 0 - 10 V DC (5000 Ω min.)
· 5: 0 – 5 V DC (2500 Ω min.)
· 6: 1 – 5 V DC (2500 Ω min.)
· 4W: -10 – +10 V DC (5000 Ω min.)
· 5W: -5 – +5 V DC (2500 Ω min.)
## Power Input
· DC Power: 24 V DC (24 V ±10 %, ripple 10 %p-p max.)
## Options ([3])
· /C01: Silicone coating
· /C02: Polyurethane coating
· /C03: Rubber coating
· /V01: Multi-turn fine adjustment
· /S01: Stainless steel terminal screws
## General Specifications
· Construction: Terminal block
· Connection: M3.5 screw terminals (0.8 N·m torque)
· Housing Material: Flame-resistant resin (black)
· Isolation: Input to output to power
· Span Adjustment: 97 – 103 % (front)
· Zero Adjustment: -3 – +3 % (front)
· Power LED: Green LED indicates power supply.
## Performance
· Accuracy: ±0.1 %
· Temp. Coefficient: ±0.015 %/°C
· Frequency Characteristics: 12 kHz (-3 dB)
· Response Time: Approx. 30 µsec. (0 – 90 %)
· Dielectric Strength: 2000 V AC @1 minute (input/output to ground), 1500 V AC @1 minute (input to output)
## Installation
· Mounting: DIN rail
· Weight: 80 g (2.8 oz)
· Power Consumption: ≤ 1.0 W (DC)
· Operating Temperature: -5 to +55°C
· Operating Humidity: 5 to 90% RH
# MODEL: M5VF2 - Super-mini Terminal Block Signal Conditioners
## Ordering Information
· Model Designation: M5VF2-[1][2]-R[3]
· Code Selection: Each bracketed number ([1], [2], [3]) requires a specific code.
· /Q Option: Specifies additional options (e.g., /C01, /V01)
## Input & Output Specifications
Input Voltage
· 4: 0 – 10 V DC (1 MΩ min.)
· 5: 0 – 5 V DC (1 MΩ min.)
· 6: 1 – 5 V DC (1 MΩ min.)
· 4W: -10 – +10 V DC (1 MΩ min.)
· 5W: -5 – +5 V DC (1 MΩ min.)
Output Voltage
· 4: 0 - 10 V DC (5000 Ω min.)
· 5: 0 – 5 V DC (2500 Ω min.)
· 6: 1 – 5 V DC (2500 Ω min.)
· 4W: -10 – +10 V DC (5000 Ω min.)
· 5W: -5 – +5 V DC (2500 Ω min.)
## Power Input
· DC Power: 24 V DC (24 V ±10 %, ripple 10 %p-p max.)
## Options ([3])
· /C01: Silicone coating
· /C02: Polyurethane coating
· /C03: Rubber coating
· /V01: Multi-turn fine adjustment
· /S01: Stainless steel terminal screws
## General Specifications
· Construction: Terminal block
· Connection: M3.5 screw terminals (0.8 N·m torque)
· Housing Material: Flame-resistant resin (black)
· Isolation: Input to output to power
· Span Adjustment: 97 – 103 % (front)
· Zero Adjustment: -3 – +3 % (front)
· Power LED: Green LED indicates power supply.
## Performance
· Accuracy: ±0.1 %
· Temp. Coefficient: ±0.015 %/°C
· Frequency Characteristics: 12 kHz (-3 dB)
· Response Time: Approx. 30 µsec. (0 – 90 %)
· Dielectric Strength: 2000 V AC @1 minute (input/output to ground), 1500 V AC @1 minute (input to output)
## Installation
· Mounting: DIN rail
· Weight: 80 g (2.8 oz)
· Power Consumption: ≤ 1.0 W (DC)
· Operating Temperature: -5 to +55°C
· Operating Humidity: 5 to 90% RH
| Part No. | M5VF2-5W4W-R |
| Manufacturer | MSYSTEM |
| Size | 100 Kbytes |
| Pages | 3 pages |
| Description | Super-mini Terminal Block Signal Conditioners M5-UNIT |