công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M5VF2-5W5-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about M5VF2-5W5-R Datasheet

  • # Example questions: ➢ What is the minimum load resistance required for a 0-5 v dc output signal?
    ➢ What input voltage ranges are supported by the m5vf2 signal transmitter?
    ➢ How does the operating temperature range of -5 to +55°c affect the accuracy of the m5vf2?

  • Part No.M5VF2-5W5-R
    ManufacturerMSYSTEM
    Size100 Kbytes
    Pages3 pages
    DescriptionSuper-mini Terminal Block Signal Conditioners M5-UNIT
    Datasheet Summary with AI

    # MODEL: M5VF2 - Super-mini Terminal Block Signal Conditioners

    ## Ordering Information

    · Model Designation: M5VF2-[1][2]-R[3]
    · Code Selection: Each bracketed number ([1], [2], [3]) requires a specific code.
    · /Q Option: Specifies additional options (e.g., /C01, /V01)

    ## Input & Output Specifications

    Input Voltage

    · 4: 0 – 10 V DC (1 MΩ min.)
    · 5: 0 – 5 V DC (1 MΩ min.)
    · 6: 1 – 5 V DC (1 MΩ min.)
    · 4W: -10 – +10 V DC (1 MΩ min.)
    · 5W: -5 – +5 V DC (1 MΩ min.)

    Output Voltage

    · 4: 0 - 10 V DC (5000 Ω min.)
    · 5: 0 – 5 V DC (2500 Ω min.)
    · 6: 1 – 5 V DC (2500 Ω min.)
    · 4W: -10 – +10 V DC (5000 Ω min.)
    · 5W: -5 – +5 V DC (2500 Ω min.)

    ## Power Input

    · DC Power: 24 V DC (24 V ±10 %, ripple 10 %p-p max.)

    ## Options ([3])

    · /C01: Silicone coating
    · /C02: Polyurethane coating
    · /C03: Rubber coating
    · /V01: Multi-turn fine adjustment
    · /S01: Stainless steel terminal screws

    ## General Specifications

    · Construction: Terminal block
    · Connection: M3.5 screw terminals (0.8 N·m torque)
    · Housing Material: Flame-resistant resin (black)
    · Isolation: Input to output to power
    · Span Adjustment: 97 – 103 % (front)
    · Zero Adjustment: -3 – +3 % (front)
    · Power LED: Green LED indicates power supply.

    ## Performance

    · Accuracy: ±0.1 %
    · Temp. Coefficient: ±0.015 %/°C
    · Frequency Characteristics: 12 kHz (-3 dB)
    · Response Time: Approx. 30 µsec. (0 – 90 %)
    · Dielectric Strength: 2000 V AC @1 minute (input/output to ground), 1500 V AC @1 minute (input to output)

    ## Installation

    · Mounting: DIN rail
    · Weight: 80 g (2.8 oz)
    · Power Consumption: ≤ 1.0 W (DC)
    · Operating Temperature: -5 to +55°C
    · Operating Humidity: 5 to 90% RH

    # MODEL: M5VF2 - Super-mini Terminal Block Signal Conditioners

    ## Ordering Information

    · Model Designation: M5VF2-[1][2]-R[3]
    · Code Selection: Each bracketed number ([1], [2], [3]) requires a specific code.
    · /Q Option: Specifies additional options (e.g., /C01, /V01)

    ## Input & Output Specifications

    Input Voltage

    · 4: 0 – 10 V DC (1 MΩ min.)
    · 5: 0 – 5 V DC (1 MΩ min.)
    · 6: 1 – 5 V DC (1 MΩ min.)
    · 4W: -10 – +10 V DC (1 MΩ min.)
    · 5W: -5 – +5 V DC (1 MΩ min.)

    Output Voltage

    · 4: 0 - 10 V DC (5000 Ω min.)
    · 5: 0 – 5 V DC (2500 Ω min.)
    · 6: 1 – 5 V DC (2500 Ω min.)
    · 4W: -10 – +10 V DC (5000 Ω min.)
    · 5W: -5 – +5 V DC (2500 Ω min.)

    ## Power Input

    · DC Power: 24 V DC (24 V ±10 %, ripple 10 %p-p max.)

    ## Options ([3])

    · /C01: Silicone coating
    · /C02: Polyurethane coating
    · /C03: Rubber coating
    · /V01: Multi-turn fine adjustment
    · /S01: Stainless steel terminal screws

    ## General Specifications

    · Construction: Terminal block
    · Connection: M3.5 screw terminals (0.8 N·m torque)
    · Housing Material: Flame-resistant resin (black)
    · Isolation: Input to output to power
    · Span Adjustment: 97 – 103 % (front)
    · Zero Adjustment: -3 – +3 % (front)
    · Power LED: Green LED indicates power supply.

    ## Performance

    · Accuracy: ±0.1 %
    · Temp. Coefficient: ±0.015 %/°C
    · Frequency Characteristics: 12 kHz (-3 dB)
    · Response Time: Approx. 30 µsec. (0 – 90 %)
    · Dielectric Strength: 2000 V AC @1 minute (input/output to ground), 1500 V AC @1 minute (input to output)

    ## Installation

    · Mounting: DIN rail
    · Weight: 80 g (2.8 oz)
    · Power Consumption: ≤ 1.0 W (DC)
    · Operating Temperature: -5 to +55°C
    · Operating Humidity: 5 to 90% RH

    Part No.M5VF2-5W5-R
    ManufacturerMSYSTEM
    Size100 Kbytes
    Pages3 pages
    DescriptionSuper-mini Terminal Block Signal Conditioners M5-UNIT