# isc N-Channel MOSFET Transistor APT6038BFLL## Features · Drain Current: 17A @ TC = 25℃
· Drain-Source Voltage: 600V (Min)
· Static Drain-Source On-Resistance: 0.38Ω (Max)
· 100% avalanche tested
· Minimum lot-to-lot variations for robust device performance
## Description · Designed for use in switchmode power supplies and general-purpose applications.
## Absolute Maximum Ratings (Ta=25℃)
| SYMBOL |
PARAMETER |
VALUE |
UNIT |
| VDSS |
Drain-Source Voltage |
600 |
V |
| VGS |
Gate-Source Voltage-Continuous |
±30 |
V |
| ID |
Drain Current-Continuous |
17 |
A |
| IDM |
Drain Current-Single Pulse |
68 |
A |
| PD |
Total Dissipation @TC=25℃ |
265 |
W |
| TJ |
Max. Operating Junction Temperature |
-55~150 |
℃ |
| Tstg |
Storage Temperature |
-55~150 |
℃ |
| SYMBOL |
PARAMETER |
MAX |
UNIT |
| Rthj-c |
Thermal Resistance, Junction to Case |
0.47 |
℃/W |
## Electrical Characteristics (TC=25℃ unless otherwise specified)
| SYMBOL |
PARAMETER |
CONDITIONS |
MIN |
MAX |
UNIT |
| V(BR)DSS |
Drain-Source Breakdown Voltage |
VGS=0; ID=0.25mA |
600 |
|
V |
| VGS(th) |
Gate Threshold Voltage |
VDS=VGS; ID=1mA |
3 |
5 |
V |
| RDS(on) |
Drain-Source On-Resistance |
VGS=10V; ID=8.5A |
|
0.38 |
Ω |
| IGSS |
Gate-Body Leakage Current |
VGS=±30V;VDS=0 |
|
±100 |
nA |
| IDSS |
Zero Gate Voltage Drain Current |
VDS=600V; VGS=0<br>VDS=480V; VGS=0@TJ=125℃ |
|
250<br>1000 |
μA |
| VSD |
Forward On-Voltage |
IS=17A; VGS=0 |
|
1.3 |
V |
## Notice · Website: www.iscsemi.com
· Intended for general electronic equipment.
· Not designed for specialized quality/reliability, hazardous environments, aerospace, or medical applications.
· No warranty or liability assumed for product suitability or use.