1. General Description:
️· What they are: The SN54LS390 and SN54LS393 are 4-bit binary ripple counters. They're essentially four cascaded J-K flip-flops.
️· Ripple Counters: This means the output of one flip-flop serves as the clock input for the next. This ripple effect influences propagation delays (more on that below).
️· LS Series: The "LS" designation indicates they are low-power Schottky versions of the original SN54 counters. They offer improved speed and lower power consumption.
2. Key Features:
️· 4-Bit Counting: They can count up to 15 (0-15 in binary).
️· Cascaded J-K Flip-Flops: The internal structure.
️· Divide-by-2 Ripple Design: Each flip-flop divides the input frequency by two.
️· Asynchronous Clear (MR): A master reset input which asynchronously clears all flip-flops to 0. "MR" stands for Master Reset.
️· Direct Count Inputs: Each flip-flop has a dedicated clock input (CP0, CP1, CP2, CP3).
️· Versatile Applications: Can be used for various applications like frequency dividers, binary counters, and control circuits.
3. Pinout & Inputs: (Assumed from common counter pinouts – datasheet doesn't explicitly list)
️· CP0, CP1, CP2, CP3: Clock inputs for each flip-flop.
️· MR: Master Reset input.
️· Q0, Q1, Q2, Q3: Outputs of each flip-flop.
️· Q0', Q1', Q2', Q3': Complementary outputs.
️· VCC: Positive supply voltage.
️· GND: Ground.
4. Electrical Characteristics:
️· Supply Voltage (VCC):
- SN54: 4.5V to 5.5V
- 74LS: 4.75V to 5.25V
️· Input Voltages (VIH, VIL): Standard logic levels for high and low inputs.
️· Output Voltages (VOH, VOL): Output high and low voltage levels.
️· Input and Output Currents: Maximum current values under certain conditions.
️· Power Consumption: Maximum power dissipation.
5. AC Characteristics (Timing):
️· Maximum Clock Frequencies (fMAX): The highest frequency that can be reliably applied to the clock inputs. *Critical: This varies for each input (CP0, CP1, CP2, CP3) due to the ripple effect.* CP0 has the highest frequency, CP3 the lowest.
️· Propagation Delay (tPLH, tPHL): The time it takes for a change at the clock input to appear at the output. *Again, this is critical due to the ripple effect.* The further down the chain, the longer the propagation delay.
️· Clock Pulse Width (tW): Minimum duration of the clock pulse.
️· Recovery Time (trec): Minimum time required before the clock input can be triggered again.
6. Important Considerations - Ripple Effect:
️· Timing is critical: Due to the ripple design, the timing parameters (fMAX, tPLH, tPHL) vary significantly depending on which flip-flop you are considering.
️· Longer Propagation Delays: The further down the counter chain, the longer it takes for signals to propagate. This limits the maximum operating frequency.
️· Careful PCB Layout: Proper PCB layout is crucial to minimize signal skews and ensure predictable timing behavior.
7. Waveforms: (Refer to the figures in the datasheet)
️· CP & Q: A basic example of a flip-flop's clock (CP) input and output (Q) following the clock signal.
️· MR & MS: Illustrates the Master Reset input and its effect on clearing the counter.
In short: This is a standard, widely used binary counter. Its operation is straightforward, but understanding the ripple effect and the implications for timing are essential for successful integration into a circuit.