| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about V48C15C150B Datasheet
# Example questions:
➢ What must be considered when trimming the output voltage *down* in terms of available power?
➢ What type of capacitor value is recommended for ac coupling in the single-wire interface for paralleling modules via the pr pin?
➢ What are the three main control functions supported by the pr pin, and what interface options are available for paralleling modules using it?
# V48C15C150B DC-DC Converter
## Overview
️· Model: V48C15C150B
️· Type: DC-DC Converter Module
️· Input: 36-75V DC
️· Output: 15V DC
️· Power: 150 Watts
️· Efficiency: 87.5%
️· Power Density: 91W/cubic inch
️· Height: 0.43 in (10.9 mm)
## Key Features
️· Programmable output (10-110%)
️· Regulation: ±0.2% (no load to full load)
️· Parallelable with N+M fault tolerance
️· Low noise ZCS/ZVS architecture
️· Input surge withstand: 100V for 100ms
️· Max operating temperature: 100°C (at full load)
## Electrical Characteristics
️· Input Voltage: 36-75 Vdc
️· Output Voltage: 14.85-15.15 Vdc
️· Line Regulation: ±0.2%
️· Load Regulation: ±0.2%
️· Ripple & Noise: 150mV p-p
️· Current Limit: 11.5 Amps
️· Efficiency: 87.5% (typical)
## Thermal Management
️· Baseplate to Sink (greased): 0.24 °C/Watt
️· Baseplate to Sink (thermal pad): 0.21 °C/Watt
️· Baseplate to Ambient: 10.9 °C/Watt
️· Thermal Capacity: 48 Watt-sec/°C
️· Operating Temperature (C-Grade): -20 to +100 °C
## Mechanical Specifications
️· Dimensions: 2.28 x 1.45 x 0.5 in (57.9 x 36.8 x 12.7 mm)
️· Mounting Torque: 5 in-lbs (0.57 N-m)
️· Pin Styles: Short, Long, ModuMate (options available)
## Control Functions
️· PC Pin: Module Enable/Disable, Alarm
️· PR Pin: Parallel operation
️· SC Pin: Output voltage programming
## Safety & Approvals
️· Isolation Voltage (In to Out): 2000 Vrms
️· Agency Approvals: cULus, TÜV, CE, IEC 60950
## Grade Options
️· C-Grade: -40 to +125°C (Storage), -20 to +100°C (Operating)
️· T-Grade: -40 to +125°C (Storage), -40 to +100°C (Operating)
️· H-Grade: -55 to +125°C (Storage), -40 to +100°C (Operating)
️· M-Grade: -65 to +125°C (Storage), -55 to +100°C (Operating)
# V48C15C150B DC-DC Converter
## Overview
️· Model: V48C15C150B
️· Type: DC-DC Converter Module
️· Input: 36-75V DC
️· Output: 15V DC
️· Power: 150 Watts
️· Efficiency: 87.5%
️· Power Density: 91W/cubic inch
️· Height: 0.43 in (10.9 mm)
## Key Features
️· Programmable output (10-110%)
️· Regulation: ±0.2% (no load to full load)
️· Parallelable with N+M fault tolerance
️· Low noise ZCS/ZVS architecture
️· Input surge withstand: 100V for 100ms
️· Max operating temperature: 100°C (at full load)
## Electrical Characteristics
️· Input Voltage: 36-75 Vdc
️· Output Voltage: 14.85-15.15 Vdc
️· Line Regulation: ±0.2%
️· Load Regulation: ±0.2%
️· Ripple & Noise: 150mV p-p
️· Current Limit: 11.5 Amps
️· Efficiency: 87.5% (typical)
## Thermal Management
️· Baseplate to Sink (greased): 0.24 °C/Watt
️· Baseplate to Sink (thermal pad): 0.21 °C/Watt
️· Baseplate to Ambient: 10.9 °C/Watt
️· Thermal Capacity: 48 Watt-sec/°C
️· Operating Temperature (C-Grade): -20 to +100 °C
## Mechanical Specifications
️· Dimensions: 2.28 x 1.45 x 0.5 in (57.9 x 36.8 x 12.7 mm)
️· Mounting Torque: 5 in-lbs (0.57 N-m)
️· Pin Styles: Short, Long, ModuMate (options available)
## Control Functions
️· PC Pin: Module Enable/Disable, Alarm
️· PR Pin: Parallel operation
️· SC Pin: Output voltage programming
## Safety & Approvals
️· Isolation Voltage (In to Out): 2000 Vrms
️· Agency Approvals: cULus, TÜV, CE, IEC 60950
## Grade Options
️· C-Grade: -40 to +125°C (Storage), -20 to +100°C (Operating)
️· T-Grade: -40 to +125°C (Storage), -40 to +100°C (Operating)
️· H-Grade: -55 to +125°C (Storage), -40 to +100°C (Operating)
️· M-Grade: -65 to +125°C (Storage), -55 to +100°C (Operating)
| Part No. | V48C15C150B |
| Manufacturer | VICOR |
| Size | 173 Kbytes |
| Pages | 8 pages |
| Description | 48Vin / 15Vout / 150Watts DC-DC Converter Module |