| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 125730M Datasheet
# Example questions:
➢ What type of material is used for the insulating parts of this terminal block?
➢ What is the maximum allowable ambient temperature for operation?
➢ What is the minimum core cross-section that this terminal block can accommodate?
# 1000 K/10 MDS HT - Screw Connectors
## General Information
️· Type: Terminal Block
️· Number of Poles: 10
️· Color: Brown
️· Reference Number: 125730M
️· Centre Stop (MDS): Yes
️· Fixing: Screw
️· Applications: Lighting, Installation, Electrical Appliances, Transformers
## Technical Specifications
️· Voltage Rating: 500 V
️· Current Rating: 41 A
️· Insulating Material: PA 6.6-HT
️· Contact Material: Brass
️· Cross-Section: 6.0 mm²
️· Pin Spacing: 12.0 mm
️· Core Cross-Section (min): 0.5 mm²
️· Core Cross-Section (max): 6.0 mm²
️· Flammability Rating: V-2
️· Max. Ambient Temperature: 130 °C
️· Conductor Types Supported: Solid, Flexible, Stranded
️· Stripping Length: 7.5-8.0 mm
️· Assembly Contact Screw: 0.8x4.0 / 0.8 Nm
## Approvals
️· EN60998: 1000_EN60998_20070806_20160412_VDE_ENEC_40021747_web.pdf
️· UL: 500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
️· CSA: Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf
## Accessories
️· ZEL 110: 196420
# 1000 K/10 MDS HT - Screw Connectors
## General Information
️· Type: Terminal Block
️· Number of Poles: 10
️· Color: Brown
️· Reference Number: 125730M
️· Centre Stop (MDS): Yes
️· Fixing: Screw
️· Applications: Lighting, Installation, Electrical Appliances, Transformers
## Technical Specifications
️· Voltage Rating: 500 V
️· Current Rating: 41 A
️· Insulating Material: PA 6.6-HT
️· Contact Material: Brass
️· Cross-Section: 6.0 mm²
️· Pin Spacing: 12.0 mm
️· Core Cross-Section (min): 0.5 mm²
️· Core Cross-Section (max): 6.0 mm²
️· Flammability Rating: V-2
️· Max. Ambient Temperature: 130 °C
️· Conductor Types Supported: Solid, Flexible, Stranded
️· Stripping Length: 7.5-8.0 mm
️· Assembly Contact Screw: 0.8x4.0 / 0.8 Nm
## Approvals
️· EN60998: 1000_EN60998_20070806_20160412_VDE_ENEC_40021747_web.pdf
️· UL: 500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
️· CSA: Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf
## Accessories
️· ZEL 110: 196420
| Part No. | 125730M |
| Manufacturer | ADELS |
| Size | 113 Kbytes |
| Pages | 2 pages |
| Description | 1000 K/10 MDS HT |