công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

125610 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 125610 Datasheet

  • # Example questions: ➢ What is the minimum core cross-section that can be used with this terminal block?
    ➢ What is the maximum allowable ambient temperature for operating this terminal block?
    ➢ What type of material is used for the insulating parts of this terminal block?

  • Part No.125610
    ManufacturerADELS
    Size121 Kbytes
    Pages2 pages
    Description1000 K/10
    Datasheet Summary with AI

    # 1000 K/10 Terminal Block

    ## Overview

    ️· Type: Terminal Block
    ️· Poles: 10
    ️· Color: Natural
    ️· Cross-Section: 6.0 mm²
    ️· Connection Type: Screw
    ️· Pin Spacing: 12.0 mm
    ️· Fixing: Screw

    ## Technical Specifications

    ️· Voltage Rating: 500 V
    ️· Current Rating: 41 A
    ️· Insulating Material: PA 6
    ️· Contact Material: Brass
    ️· Core Cross-Section (min): 0.5 mm²
    ️· Core Cross-Section (max): 10.0 mm²

    ️· Flammability Rating: V-2
    ️· Max. Ambient Operating Temperature: 85 °C
    ️· Conductor Types Supported: Solid, Flexible, Stranded
    ️· Stripping Length: 7.5-8.0 mm
    ️· Assembly Contact Screw: 0.8x4.0 / 0.8 Nm

    ## Approvals

    ️· EN60998: 1000_EN60998_20070806_20160412_VDE_ENEC_40021747_web.pdf
    ️· UL: 500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
    ️· CSA: Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf

    ## Accessories

    ️· 1000 BZ/10: 191410
    ️· ABK 406/10: 193310
    ️· ZEL 110: 196420

    # 1000 K/10 Terminal Block

    ## Overview

    ️· Type: Terminal Block
    ️· Poles: 10
    ️· Color: Natural
    ️· Cross-Section: 6.0 mm²
    ️· Connection Type: Screw
    ️· Pin Spacing: 12.0 mm
    ️· Fixing: Screw

    ## Technical Specifications

    ️· Voltage Rating: 500 V
    ️· Current Rating: 41 A
    ️· Insulating Material: PA 6
    ️· Contact Material: Brass
    ️· Core Cross-Section (min): 0.5 mm²
    ️· Core Cross-Section (max): 10.0 mm²
    ️· Flammability Rating: V-2
    ️· Max. Ambient Operating Temperature: 85 °C
    ️· Conductor Types Supported: Solid, Flexible, Stranded
    ️· Stripping Length: 7.5-8.0 mm
    ️· Assembly Contact Screw: 0.8x4.0 / 0.8 Nm

    ## Approvals

    ️· EN60998: 1000_EN60998_20070806_20160412_VDE_ENEC_40021747_web.pdf
    ️· UL: 500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
    ️· CSA: Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf

    ## Accessories

    ️· 1000 BZ/10: 191410
    ️· ABK 406/10: 193310
    ️· ZEL 110: 196420

    Part No.125610
    ManufacturerADELS
    Size121 Kbytes
    Pages2 pages
    Description1000 K/10