What it is:
️· Serial EEPROM: The document details the specifications for electrically erasable programmable read-only memory (EEPROM) devices that communicate over a serial interface (likely I2C or SPI – not explicitly stated, but common for EEPROMs).
️· M95320 & M95640: These are two different memory sizes within the same family. The document covers both.
️· Multiple Grades/Variants: The chips come in various grades (e.g., Device Grade 6, Device Grade 3) and suffixes (-W, -R, -S) which likely denote different operating temperature ranges, speed characteristics, or packaging options.
Key Features/Specifications (based on the table of contents):
️· Memory Capacity: The M95320 and M95640 offer different memory capacities (likely 32Kbit and 64Kbit respectively, though this isn't explicitly stated in the provided excerpt).
️· Serial Interface: Communicates via a serial interface.
️· Operating Voltage: The operating voltage range is detailed in tables.
️· Operating Temperature: Various temperature ranges are supported by different variants.
️· Low Power Consumption: EEPROMs are known for low power operation.
️· Write Protection: Features to prevent accidental writes.
️· Package Options: Available in multiple package types: PDIP8, SO8, TSSOP8, and MLP8.
️· Detailed Electrical Characteristics: Comprehensive DC and AC timing specifications are provided, including operating conditions, capacitance, and timing parameters.
️· Mechanical Dimensions: Package outlines and mechanical data are included.
What the document covers in detail:
️· Pin Descriptions (not shown in excerpt)
️· Functional Description (not shown in excerpt)
️· Device Operation (not shown in excerpt)
️· Electrical Characteristics: Detailed specifications for DC and AC parameters.
️· AC Waveforms: Diagrams illustrating timing for serial communication.
️· Package Information: Mechanical drawings and data for various package types.
️· Ordering Information: A scheme to identify specific chip variants.
️· Revision History
In essence: This is a technical datasheet aimed at electronic engineers and hardware designers who are considering using the M95320 or M95640 EEPROM chips in their designs. It provides all the necessary information to select the appropriate chip variant, integrate it into a circuit, and ensure proper operation.